Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2895-EP Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC2895-EP
Description  BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2895-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC2895-EP_15 Datasheet HTML 7Page - Texas Instruments UCC2895-EP_15 Datasheet HTML 8Page - Texas Instruments UCC2895-EP_15 Datasheet HTML 9Page - Texas Instruments UCC2895-EP_15 Datasheet HTML 10Page - Texas Instruments UCC2895-EP_15 Datasheet HTML 11Page - Texas Instruments UCC2895-EP_15 Datasheet HTML 12Page - Texas Instruments UCC2895-EP_15 Datasheet HTML 13Page - Texas Instruments UCC2895-EP_15 Datasheet HTML 14Page - Texas Instruments UCC2895-EP_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
OSC
Q
Q
Q
Q
D
Q
Q
S
R
0.5 V
11 V/9 V
Q
Q
D
Q
D
2 V
2.5 V
REF
4 V
0.5 V
REF
0.5 V / 0.6 V
19
8
7
6
2
20
1
12
5
4
11
16
13
10
14
17
9
18
15
3
SS
CS
EAN
EAP
EAOUT
RAMP
SYNC
GND
REF
ADS
OUTD
PGND
DELCD
OUTC
OUTB
DELAB
OUTA
DELAY C
DELAY D
DELAY A
DELAY B
Q
HI = ON
I
RT
10(I
RT)
OVERCURRENT
COMPARATOR
ERROR
AMP
CURRENT−SENSE
COMPARATOR
S
R
S
R
I
RT
8(I
RT)
HI = ON
S
R
0.8 V
ADAPTIVE DELAY
SET AMPLIFIER
UVLO COMPARATOR
REFERENCE OK
COMPARATOR
+
+
+
+
+
+
+
+
+
UDG−98140
RT
CT
DISABLE
COMPARATOR
NO−LOAD
COMPARATOR
VDD
UCC2895-EP
www.ti.com
SCBS809F – DECEMBER 2005 – REVISED OCTOBER 2009
Figure 6. Block Diagram
Copyright © 2005–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): UCC2895-EP


Similar Part No. - UCC2895-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results

Similar Description - UCC2895-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com