Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS4841NT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMFS4841NT3G
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS4841NT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NVMFS4841NT3G Datasheet HTML 1Page - ON Semiconductor NVMFS4841NT3G Datasheet HTML 2Page - ON Semiconductor NVMFS4841NT3G Datasheet HTML 3Page - ON Semiconductor NVMFS4841NT3G Datasheet HTML 4Page - ON Semiconductor NVMFS4841NT3G Datasheet HTML 5Page - ON Semiconductor NVMFS4841NT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NVMFS4841N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
Crss
10
0
10
15
30
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
2000
0
VGS
VDS
55
TJ = 25°C
Ciss
Coss
Crss
Ciss
Figure 8. Gate−To−Source and Drain−To−Source
Voltage vs. Total Charge
0
2
0
QG, TOTAL GATE CHARGE (nC)
1
4
8
VDD = 15 V
VGS = 10 V
ID = 30 A
TJ = 25°C
QT
10
0
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
RG, GATE RESISTANCE (W)
1
10
100
1000
1
VGS = 0 V
Figure 10. Diode Forward Voltage vs. Current
100
0.6
0.7
5
10
15
tr
td(off)
td(on)
tf
10
VDD = 15 V
ID = 15 A
VGS = 10 V
0.8
0.9
20
30
25
TJ = 25°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
1000
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1 ms
100 ms
10 ms
dc
10 ms
20
1
100
0
25
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = 19 A
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
50
75
20
60
80
100
125
100
180
175
1000
40
25
2200
1800
1600
1400
1200
200
800
600
400
0.5
1.0
120
3
4
26
16
14
26
12
QGS
140
160
12
QGD
18 20 22
11
10
9
8
7
6
5
24
150


Similar Part No. - NVMFS4841NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS4841NT3G ONSEMI-NVMFS4841NT3G Datasheet
118Kb / 6P
   Power MOSFET 30V, 7 m, 89A, Single N?묬hannel SO8FL
December, 2010 ??Rev. 0
More results

Similar Description - NVMFS4841NT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com