Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJW1104 Datasheet(PDF) 5 Page - New Japan Radio

Part No. NJW1104
Description  DOLBY PRO LOGIC SURROUND DECODER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJW1104 Datasheet(HTML) 5 Page - New Japan Radio

  NJW1104 Datasheet HTML 1Page - New Japan Radio NJW1104 Datasheet HTML 2Page - New Japan Radio NJW1104 Datasheet HTML 3Page - New Japan Radio NJW1104 Datasheet HTML 4Page - New Japan Radio NJW1104 Datasheet HTML 5Page - New Japan Radio NJW1104 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ver.1.0
NJW1104
- 5 -
n
n
n
n PACKAGE OUTLINE (QFP80-C2)
n
n
n
n PIN CONNECTION
23.9
±0.4
20.0
±0.3
0.35
±0.1
0.8
0.8
±0.1
0.15
0.12
M
64
41
40
65
25
80
124
0 - 10°
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
1
MD2
21
NC
41
DBC3
61
RLC4
2
MD2
22
VDD
42
LOUT
62
RLC7
3
VSS
23
VCC
43
ROUT
63
RLC3
4
AUX1
24
VCC
44
COUT
64
RLC8
5
AUX2
25
SDOUT
45
SOUT
65
RLC6
6
AUX3
26
SDOUT
46
CMC
66
LLI
7
AUX4
27
LPF1IN
47
SMRO
67
LBPF
8
AUX5
28
LPF1OUT
48
SMRI
68
RLI
9
AUX6
29
OP1IN
49
EXTIN
69
RBPF
10
AUX7
30
OP1OUT
50
VREF
70
LT
11
AUX8
31
CC1
51
IREF
71
RT
12
AUX9
32
CC2
52
PSC3
72
LIN
13
AUX10
33
OP2IN
53
PSC6
73
RIN
14
RST
34
OP2OUT
54
PSC2
74
HOLDC
15
TESTCNT
35
LPF2IN
55
PSC5
75
NGC3
16
DATA
36
LPF2OUT
56
PSC1
76
NGC2
17
SCK
37
LPFIN
57
PSC4
77
NGC1
18
REQ
38
DBIN
58
RLC5
78
GND
19
CLK2
39
DBC1
59
RLC2
79
MD1
20
CLK1
40
DBC2
60
RLC1
80
MD1


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LV1050M Dolby Pro Logic Surround Decoder 1  2  3  4  Sanyo Semicon Device
NJM2177 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2719Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2720Q-2 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2724AQ-1 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
M62464BFP Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
NJW1106 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
CXD2728Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn