Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJW1104 Datasheet(PDF) 4 Page - New Japan Radio

Part No. NJW1104
Description  DOLBY PRO LOGIC SURROUND DECODER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJW1104 Datasheet(HTML) 4 Page - New Japan Radio

  NJW1104 Datasheet HTML 1Page - New Japan Radio NJW1104 Datasheet HTML 2Page - New Japan Radio NJW1104 Datasheet HTML 3Page - New Japan Radio NJW1104 Datasheet HTML 4Page - New Japan Radio NJW1104 Datasheet HTML 5Page - New Japan Radio NJW1104 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ver.1.0
NJW1104
- 4 -
n
n
n
n PACKAGE OUTLINE (QFP100-C2)
n
n
n
n PIN CONNECTION
0.12
M
23.9
±0.4
20.0
±0.3
0 - 10°
80
51
50
81
31
100
0.30
±0.1
0.65
0.8
±0.1
0.15
1
30
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
1
RLC3
26NC
51NC
76
DBIN
2
RLC8
27NC
52NC
77
DBC1
3
RLC6
28NC
53NC
78
DBC2
4
LLI
29
NC
54
NC
79
DBC3
5
LBPF
30
NC
55
NC
80
LOUT
6
RLI
31
VSS
56
NC
81
ROUT
7
RBPF
32
AUX1
57
NC
82
COUT
8LT
33
AUX2
58
NC
83
SOUT
9RT
34
AUX3
59
NC
84
CMC
10
LIN
35
AUX4
60
NC
85
SMRO
11
RIN
36
AUX5
61
NC
86
SMRI
12
HOLDC
37
AUX6
62
VDD
87
EXTIN
13
NGC3
38
AUX7
63
VCC
88
VREF
14
NGC2
39
AUX8
64
SDOUT
89
IREF
15
NGC1
40
AUX9
65
LPF1IN
90
PSC3
16
GND
41
AUX10
66
LPF1OUT
91
PSC6
17
MD1
42
RST
67
OPA1IN
92
PSC2
18
MD2
43
TESTCNT
68
OPA1OUT
93
PSC5
19
VSS
44
DATA
69
CC1
94
PSC1
20
NC
45
SCK
70
CC2
95
PSC4
21
NC
46
REQ
71
OPA2IN
96
RLC5
22
NC
47
CLK2
72
OPA2OUT
97
RLC2
23
NC
48
CLK1
73
LPF2IN
98
RLC1
24
NC
49
VDD
74
LPF2OUT
99
RLC4
25
NC
50
NC
75
LPFIN
100
RLC7


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LV1050M Dolby Pro Logic Surround Decoder 1  2  3  4  Sanyo Semicon Device
NJM2177 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2719Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2720Q-2 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2724AQ-1 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
M62464BFP Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
NJW1106 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
CXD2728Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn