Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJW1104 Datasheet(PDF) 3 Page - New Japan Radio

Part No. NJW1104
Description  DOLBY PRO LOGIC SURROUND DECODER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJW1104 Datasheet(HTML) 3 Page - New Japan Radio

  NJW1104 Datasheet HTML 1Page - New Japan Radio NJW1104 Datasheet HTML 2Page - New Japan Radio NJW1104 Datasheet HTML 3Page - New Japan Radio NJW1104 Datasheet HTML 4Page - New Japan Radio NJW1104 Datasheet HTML 5Page - New Japan Radio NJW1104 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ver.1.0
NJW1104
- 3 -
n
n
n
n ELECTRICAL CHARACTERISTICS (VCC=10V, VDD=5V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
u OTHER SURROUND
Total Harmonic Distortion
THDOS
Vin=0dBd,f=1kHz
L+R,L-R output
-
0.05
0.2
dB
Headroom
HROS
VCC=9V at THD=1%
L+R,L-R mode
15
17
-
dB
Signal to Noise Ratio
SNOS
Rg=0,weighted:CCIR/ARM
L+R,L-R mode
75
80
-
dB
u DIGITAL TIME DELAY
12.4
15.4
18.4
ms
17.5
20.5
23.5
ms
22.6
25.6
28.6
ms
27.7
30.7
33.7
ms
38.0
41.0
44.0
ms
48.2
51.2
54.2
ms
Delay Time
Td
fOSC=4MHz
58.4
61.4
64.4
ms
Total Gain
Gv
-3.0
0.0
3.0
dB
Td=15.4ms
-
0.3
0.6
%
Td=20.5ms
-
0.3
0.6
%
Td=25.6ms
-
0.4
0.8
%
Td=30.7ms
-
0.5
1.0
%
Td=41.0ms
-
0.6
1.2
%
Td=51.2ms
-
0.7
1.4
%
Total Harmonic Distortion
THD
Vin=0.3Vrms
f=1kHz
30kHz LPF
Td=61.4ms
-
0.8
1.6
%
Maximum Output Voltage
Vomax
Vin:f=1kHz
30kHz LPF,THD=3%
1.5
1.8
-
Vrms
Td=15.4ms
-
-85
-75
dBV
Td=20.5ms
-
-85
-75
dBV
Td=25.6ms
-
-85
-75
dBV
Td=30.7ms
-
-80
-70
dBV
Td=41.0ms
-
-80
-70
dBV
Td=51.2ms
-
-80
-70
dBV
Output Noise Voltage
No
Rg=600
W
Vin=0Vrms
JIS-A
Td=61.4ms
-
-75
-65
dBV
u DIGITAL AUXILIARY OUTPUT
Low Level Output
VOL
Output Current=-1mA
0.0
-
0.3VDD
dB
High Level Output
VOH
Output Current=1mA
0.7VDD
-VDD
dB


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LV1050M Dolby Pro Logic Surround Decoder 1  2  3  4  Sanyo Semicon Device
NJM2177 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2719Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2720Q-2 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
CXD2724AQ-1 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
M62464BFP Dolby Pro Logic Surround Decoder with Discrete 5.1ch Analog Input 1  2  3  4  5  More Mitsubishi Electric Semiconductor
NJW1102A DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  New Japan Radio
CXD2724AQ-3 Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation
NJW1106 DOLBY PRO LOGIC SURROUND DECODER 1  2  3  4  5  More New Japan Radio
CXD2728Q Single-Chip Dolby Pro Logic Surround Decoder 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn