Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6354 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP6354
Description  3MHz, 2A Fixed-Frequency Synchronous Buck Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6354 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP6354 Datasheet HTML 1Page - ON Semiconductor NCP6354 Datasheet HTML 2Page - ON Semiconductor NCP6354 Datasheet HTML 3Page - ON Semiconductor NCP6354 Datasheet HTML 4Page - ON Semiconductor NCP6354 Datasheet HTML 5Page - ON Semiconductor NCP6354 Datasheet HTML 6Page - ON Semiconductor NCP6354 Datasheet HTML 7Page - ON Semiconductor NCP6354 Datasheet HTML 8Page - ON Semiconductor NCP6354 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NCP6354
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
(VIN = 3.6 V, VOUT = 1.8 V, L = 1 mH, C = 10 mF, typical values are referenced to TJ = 25°C, Min and Max values are referenced to TJ up to
125°C. unless other noted.)
Characteristics
Test Conditions
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE
Input Voltage VIN Range
(Note 9)
VIN
2.3
5.5
V
SUPPLY CURRENT
VIN Quiescent Supply Current
EN high, no load
IQ
5
mA
VIN Shutdown Current
EN low
ISD
1
mA
OUTPUT VOLTAGE
Output Voltage Range
(Note 7)
VOUT
0.6
VIN
V
FB Voltage
VFB
594
600
606
mV
FB Voltage in Load Regulation
VIN = 3.6 V, IOUT from 200 mA to
IOUTMAX, (Note 7)
−0.5
%/A
FB Voltage in Line Regulation
IOUT = 200 mA, VIN from MAX(VNOM +
0.5 V, 2.3 V) to 5.5 V (Note 7)
0
%/V
Maximum Duty Cycle
(Note 7)
DMAX
100
%
OUTPUT CURRENT
Output Current Capability
(Note 7)
IOUTMAX
2.0
A
Output Peak Current Limit
ILIM
2.3
2.8
3.3
A
VOLTAGE MONITOR
VIN UVLO Falling Threshold
VINUV−
2.3
V
VIN UVLO Hysteresis
VINHYS
60
200
mV
Power Good Low Threshold
VOUT falls down to cross the threshold
(percentage of FB voltage)
VPGL
87
90
92
%
Power Good Hysteresis
VOUT rises up to cross the threshold
(percentage of Power Good Low
Threshold (VPGL) voltage)
VPGHYS
0
3
5
%
Power Good High Delay in Start Up
From EN rising edge to PG going high.
TdPGH1
1.15
ms
Power Good Low Delay in Shut Down
From EN falling edge to PG going low.
(Note 7)
TdPGL1
8
ms
Power Good High Delay in Regulation
From VFB going higher than 95%
nominal level to PG going high. Not for
the first time in start up. (Note 7)
TdPGH
5
ms
Power Good Low Delay in Regulation
From VFB going lower than 90%
nominal level to PG going low. (Note 7)
TdPGL
8
ms
Power Good Pin Low Voltage
Voltage at PG pin with 5mA sink
current
VPG_L
0.3
V
Power Good Pin Leakage Current
3.6 V at PG pin when power good valid
PG_LK
100
nA
INTEGRATED MOSFETs
High−Side MOSFET ON Resistance
VIN = 3.6 V (Note 8)
VIN = 5 V (Note 8)
RON_H
140
130
200
mW
Low−Side MOSFET ON Resistance
VIN = 3.6 V (Note 8)
VIN = 5 V (Note 8)
RON_L
110
100
140
mW
SWITCHING FREQUENCY
Operation Frequency
FSW
2.7
3.0
3.3
MHz
7. Guaranteed by design, not tested in production.
8. Maximum value applies for TJ = 85°C.
9. Operation above 5.5 V input voltage for extended periods may affect device reliability.


Similar Part No. - NCP6354

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6354 ONSEMI-NCP6354_12 Datasheet
243Kb / 15P
   3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 2
More results

Similar Description - NCP6354

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6354 ONSEMI-NCP6354_12 Datasheet
243Kb / 15P
   3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 2
NCV6354BMTAATBG ONSEMI-NCV6354BMTAATBG Datasheet
244Kb / 15P
   3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 4
NCV6354 ONSEMI-NCV6354 Datasheet
244Kb / 15P
   3MHz, 2A Fixed-Frequency,Synchronous Buck Converter
November, 2012 ??Rev. 4
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
   3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6324 ONSEMI-NCP6324 Datasheet
269Kb / 14P
   3MHz, 2A Synchronous Buck Converter
October, 2015 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076 Datasheet
686Kb / 7P
   2A 3MHz 6V Synchronous Buck Converter
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
   2A 3MHz 6V Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com