Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBA3N200S Datasheet(PDF) 1 Page - ON Semiconductor

Part # NBA3N200S
Description  3.3 V Automotive Grade M-LVDS Driver Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBA3N200S Datasheet(HTML) 1 Page - ON Semiconductor

  NBA3N200S Datasheet HTML 1Page - ON Semiconductor NBA3N200S Datasheet HTML 2Page - ON Semiconductor NBA3N200S Datasheet HTML 3Page - ON Semiconductor NBA3N200S Datasheet HTML 4Page - ON Semiconductor NBA3N200S Datasheet HTML 5Page - ON Semiconductor NBA3N200S Datasheet HTML 6Page - ON Semiconductor NBA3N200S Datasheet HTML 7Page - ON Semiconductor NBA3N200S Datasheet HTML 8Page - ON Semiconductor NBA3N200S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 3
1
Publication Order Number:
NBA3N200S/D
NBA3N200S
3.3 V Automotive Grade
M-LVDS Driver Receiver
Description
The NBA3N200S is a 3.3 V supply differential Multipoint Low
Voltage (M−LVDS) line Driver and Receiver for automotive
applications. NBA3N200S offers the Type−1 receiver threshold at
0.0 V.
The NBA3N200S has Type−1 receivers that detect the bus state with
as little as 50 mV of differential input voltage over a common−mode
voltage range of −1 V to 3.4 V. Type−1 receivers have near zero
thresholds (
±50 mV) and exhibit 25 mV of differential input voltage
hysteresis to prevent output oscillations with slowly changing signals
or loss of input.
NBA3N200S supports Simplex or Half Duplex bus configurations.
Features
Low−Voltage Differential 30 W to 55 W Line Drivers and Receivers
for Signaling Rates Up to 200 Mbps
Type−1 Receivers Incorporate 25 mV of Hysteresis
Controlled Driver Output Voltage Transition Times for Improved
Signal Quality
−1 V to 3.4 V Common−Mode Voltage Range Allows Data Transfer
With up to 2 V of Ground Noise
Bus Pins High Impedance When Disabled or VCC ≤ 1.5 V
M−LVDS Bus Power Up/Down Glitch Free
Operating range: VCC = 3.3 ±10% V( 3.0 to 3.6 V)
Operation from –40°C to 125°C
AEC−Q100 Qualified and PPAP Capable
These are Pb−Free Devices
Applications
Low−Power High−Speed Short−Reach Alternative to TIA/EIA−485
Backplane or Cabled Multipoint Data and Clock Transmission
Cellular Base Stations
Central−Office Switches
Network Switches and Routers
Automotive
MARKING
DIAGRAMS
www.onsemi.com
See detailed ordering and shipping information on page 18 of
this data sheet.
ORDERING INFORMATION
SOIC−8
D SUFFIX
CASE 751
1
8
NA200
AYWW
G
1
8
NA200
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package


Similar Part No. - NBA3N200S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBA3N201S ONSEMI-NBA3N201S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N201SDG ONSEMI-NBA3N201SDG Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N201SDR2G ONSEMI-NBA3N201SDR2G Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N206S ONSEMI-NBA3N206S Datasheet
286Kb / 18P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N206SDG ONSEMI-NBA3N206SDG Datasheet
286Kb / 18P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
More results

Similar Description - NBA3N200S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBA3N201S ONSEMI-NBA3N201S Datasheet
288Kb / 19P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N206S ONSEMI-NBA3N206S Datasheet
286Kb / 18P
   3.3 V Automotive Grade M-LVDS Driver Receiver
October, 2015 ??Rev. 3
NBA3N011S ONSEMI-NBA3N011S Datasheet
78Kb / 5P
   3.3 V Automotive Grade LVDS Driver
December, 2016 ??Rev. 0
NBA3N012C ONSEMI-NBA3N012C Datasheet
76Kb / 4P
   3.3 V Automotive Grade LVDS Line Receiver
December, 2016 ??Rev. 0
NB3N200S ONSEMI-NB3N200S Datasheet
475Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
January, 2012 ??Rev. 0
NB3N206S ONSEMI-NB3N206S Datasheet
341Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
September, 2012 ??Rev. 0
NB3N401S ONSEMI-NB3N401S Datasheet
130Kb / 15P
   3.3 V Quad Channel Half?륞uplex M-LVDS Driver Receiver
November, 2016 ??Rev. 0
NB3N200S ONSEMI-NB3N200S_15 Datasheet
289Kb / 18P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
June, 2015 ??Rev. 1
NB3N201S ONSEMI-NB3N201S_15 Datasheet
292Kb / 19P
   3.3 V Differential Multipoint Low Voltage M-LVDS Driver Receiver
June, 2015 ??Rev. 1
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com