Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N853501EDTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB3N853501EDTG
Description  Differential Clock Fanout Buffer Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N853501EDTG Datasheet(HTML) 1 Page - ON Semiconductor

  NB3N853501EDTG Datasheet HTML 1Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 2Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 3Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 4Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 5Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 6Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 7Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 8Page - ON Semiconductor NB3N853501EDTG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 2
1
Publication Order Number:
NB3N853501E/D
NB3N853501E
3.3 V LVTTL/LVCMOS 2:1
MUX to 4 LVPECL
Differential Clock Fanout
Buffer Outputs with Clock
Enable and Clock Select
Description
The NB3N853501E is a pure 3.3 V supply 2:1:4 clock distribution
fanout buffer. Input MUX selects one of two LVCMOS/LVTTL CLK
lines by the CLK_SEL pin (HIGH for CLK1, LOW for CLK0) using
LVCMOS/LVTTL levels. Outputs are LVPECL levels and are
synchronously enabled by CLK_EN using LVCMOS/LVTTL levels
(HIGH to enable outputs, LOW to disable output).
Features
Four differential LVPECL Outputs
Two Selectable LVCMOS/LVTTL CLOCK Inputs
Up to 266 MHz Clock Operation
Output to Output Skew: 30 ps (Max.)
Device to Device Skew 250 ps (Max.)
Propagation Delay 2.0 ns (Max.)
Operating range: VCC = 3.3 ±5% V( 3.135 to 3.465 V)
Additive Phase Jitter, RMS: 62 fs (Typ)
Synchronous Clock Enable Control
Industrial Temp. Range (−40°C to 85°C)
Pb−Free TSSOP20 Package
These are Pb−Free Devices
Figure 1. Simplified Logic Diagram
MARKING
DIAGRAM
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
http://onsemi.com
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
TSSOP−20
DT SUFFIX
CASE 948E
NB3N
501E
ALYWG
G


Similar Part No. - NB3N853501EDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N853531E ONSEMI-NB3N853531E Datasheet
251Kb / 9P
   3.3 V Xtal or LVTTL/LVCMOS Input 2:1 MUX to 1:4 LVPECL Fanout Buffer
March, 2012 ??Rev. 6
NB3N853531EDTG ONSEMI-NB3N853531EDTG Datasheet
251Kb / 9P
   3.3 V Xtal or LVTTL/LVCMOS Input 2:1 MUX to 1:4 LVPECL Fanout Buffer
March, 2012 ??Rev. 6
NB3N853531EDTR2G ONSEMI-NB3N853531EDTR2G Datasheet
251Kb / 9P
   3.3 V Xtal or LVTTL/LVCMOS Input 2:1 MUX to 1:4 LVPECL Fanout Buffer
March, 2012 ??Rev. 6
More results

Similar Description - NB3N853501EDTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3M8T3910 ONSEMI-NB3M8T3910_16 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2016 ??Rev. 2
NB3M8T3910G ONSEMI-NB3M8T3910G Datasheet
183Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2014 ??Rev. 1
NB3M8T3910G ONSEMI-NB3M8T3910G_18 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
logo
Renesas Technology Corp
8T39204 RENESAS-8T39204 Datasheet
1Mb / 41P
   Crystal or Differential to Differential Clock Fanout Buffer
February 2, 2023
8T39S06A RENESAS-8T39S06A Datasheet
1Mb / 40P
   Crystal or Differential to Differential Clock Fanout Buffer
May 20, 2016
logo
Integrated Device Techn...
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
   Crystal or Differential-to-Differential Clock Fanout Buffer
logo
Renesas Technology Corp
IDT8T39S10I RENESAS-IDT8T39S10I Datasheet
1Mb / 44P
   Crystal or Differential to Differential Clock Fanout Buffer
2019
logo
Integrated Device Techn...
8T39S04A IDT-8T39S04A Datasheet
807Kb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
logo
Renesas Technology Corp
8T39S04A RENESAS-8T39S04A Datasheet
1Mb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
July 24, 2019
8T39S08A RENESAS-8T39S08A Datasheet
1Mb / 40P
   Crystal or Differential-to-Differential Clock Fanout Buffer
May 19, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com