Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N65027DTG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3N65027DTG
Description  3.3V Programmable 3-PLL Clock Synthesizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N65027DTG Datasheet(HTML) 5 Page - ON Semiconductor

  NB3N65027DTG Datasheet HTML 1Page - ON Semiconductor NB3N65027DTG Datasheet HTML 2Page - ON Semiconductor NB3N65027DTG Datasheet HTML 3Page - ON Semiconductor NB3N65027DTG Datasheet HTML 4Page - ON Semiconductor NB3N65027DTG Datasheet HTML 5Page - ON Semiconductor NB3N65027DTG Datasheet HTML 6Page - ON Semiconductor NB3N65027DTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NB3N65027
http://onsemi.com
5
Table 12. DC CHARACTERISTICS VDD = 3.3V $10%, GND = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
POWER SUPPLY
VDD
Power Supply Voltage; GND = 0 V
3.0
3.3
3.6
V
IDD
Power Supply Current for VDD (Inputs and Outputs Open)
40
60
mA
OUTPUTS
VOH
Output HIGH Voltage; VDD = 3.3V
IOH = −25 mA
IOH = −8mA
2.4
VDD – 0.4
V
VOL
Output LOW Voltage;
IOL = 25 mA
0.8
V
IOS
Output Short Circuit Current, Each Output
±50
mA
X1/CLK INPUT PIN, ONLY
VIH
Input HIGH Voltage
VDD / 2 + 1
V
VIL
Input LOW Voltage
VDD / 2 − 1
V
TRI−LEVEL TYPE INPUTS: ACS0, BCS0, CCS
VIH
Input HIGH Voltage
VDD – 0.5
V
VIL
Input LOW Voltage
0.5
V
TWO−LEVEL TYPE INPUTS: ACS1, BCS1, OE
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 13. AC CHARACTERISTICS VDD = 3.3V $10%, GND = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
fIN
Input Frequency, Crystal or Clock
10
12.5 or 25
27
MHz
tDC
Output Clock Duty Cycle at VDD/2, 15 pF Load
40
50
60
%
Frequency Error, all clocks, 15 pF Load
0
ppm
tor,, tof
Output Rise/Fall Times; 0.8 V to 2.0 V, 15 pF Load
1.5
ns
Absolute Jitter, short−term; variation from mean, 15 pF Load
$120
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


Similar Part No. - NB3N65027DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N6200C ONSEMI-NB3N6200C Datasheet
69Kb / 5P
   Spread Spectrum EMI Reduction IC for HD Display
January, 2015 ??Rev. 1
More results

Similar Description - NB3N65027DTG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906 TI-CDC906 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906_10 Datasheet
1Mb / 42P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com