Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N51054DTR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB3N51054DTR2G
Description  LVDS PCIe Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N51054DTR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB3N51054DTR2G Datasheet HTML 3Page - ON Semiconductor NB3N51054DTR2G Datasheet HTML 4Page - ON Semiconductor NB3N51054DTR2G Datasheet HTML 5Page - ON Semiconductor NB3N51054DTR2G Datasheet HTML 6Page - ON Semiconductor NB3N51054DTR2G Datasheet HTML 7Page - ON Semiconductor NB3N51054DTR2G Datasheet HTML 8Page - ON Semiconductor NB3N51054DTR2G Datasheet HTML 9Page - ON Semiconductor NB3N51054DTR2G Datasheet HTML 10Page - ON Semiconductor NB3N51054DTR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NB3N51054
www.onsemi.com
7
Table 9. BYTE 4: CONTROLLER REGISTER 4
Bit
@Pup
Name
Description
7
0
Reserved
Reserved
6
0
Reserved
Reserved
5
0
Reserved
Reserved
4
0
Reserved
Reserved
3
0
Reserved
Reserved
2
0
Reserved
Reserved
1
0
Reserved
Reserved
0
0
Reserved
Reserved
Table 10. BYTE 5: CONTROLLER REGISTER 5
Bit
@Pup
Name
Description
7
0
Reserved
Reserved
6
0
Reserved
Reserved
5
0
Reserved
Reserved
4
0
Reserved
Reserved
3
0
Reserved
Reserved
2
0
Reserved
Reserved
1
0
Reserved
Reserved
0
0
Reserved
Reserved
Table 11. BYTE 6: CONTROLLER REGISTER 6
Bit
@Pup
Name
Description
7
0
TEST_SEL
Reserved
6
0
TEST_MODE
Reserved
5
0
Reserved
Reserved
4
1
Reserved
Reserved
3
0
Reserved
Reserved
2
0
Reserved
Reserved
1
1
Reserved
Reserved
0
1
Reserved
Reserved
Table 12. BYTE 7: CONTROLLER REGISTER 7
Bit
@Pup
Name
Description
7
0
Rev Code [3]
Revision Code (MSB)
6
0
Rev Code [2]
Revision Code
5
0
Rev Code [1]
Revision Code
4
1
Rev Code [0]
Revision Code (LSB)
3
1
Vendor ID [3]
Vendor ID (MSB)
2
1
Vendor ID [2]
Vendor ID
1
1
Vendor ID [1]
Vendor ID
0
1
Vendor ID [0]
Vendor ID (LSB)


Similar Part No. - NB3N51054DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51054DTR2G ONSEMI-NB3N51054DTR2G Datasheet
164Kb / 15P
   Quad HCSL/LVDS PCIe Clock Generator
May, 2018 ??Rev. 5
More results

Similar Description - NB3N51054DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N51054 ONSEMI-NB3N51054_18 Datasheet
164Kb / 15P
   Quad HCSL/LVDS PCIe Clock Generator
May, 2018 ??Rev. 5
NB3N51034 ONSEMI-NB3N51034 Datasheet
397Kb / 9P
   Quad HCSL/LVDS Clock Generator
October, 2013 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032_16 Datasheet
292Kb / 13P
   Dual HCSL/LVDS Clock Generator
April, 2016 ??Rev. 2
NB3N51032 ONSEMI-NB3N51032_17 Datasheet
612Kb / 13P
   Dual HCSL/LVDS Clock Generator
September, 2017 ??Rev. 3
logo
Pericom Semiconductor C...
PI6C49004A PERICOM-PI6C49004A Datasheet
730Kb / 13P
   PCIe Gen 2 Networking Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044_17 Datasheet
219Kb / 13P
   Quad HCSL / LVDS Clock Generator
September, 2017 ??Rev. 2
logo
Integrated Device Techn...
9FGL04 IDT-9FGL04_16 Datasheet
313Kb / 18P
   4-output 3.3V PCIe Clock Generator
9FGL08 IDT-9FGL08_16 Datasheet
402Kb / 19P
   8-output 3.3V PCIe Clock Generator
logo
Renesas Technology Corp
9SQ445 RENESAS-9SQ445 Datasheet
904Kb / 31P
   CK440Q Lite PCIe Gen6 Clock Generator
February 14, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com