Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N111KMNG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3N111KMNG
Description  3.3V Differential 1:10 Fanout Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N111KMNG Datasheet(HTML) 5 Page - ON Semiconductor

  NB3N111KMNG Datasheet HTML 1Page - ON Semiconductor NB3N111KMNG Datasheet HTML 2Page - ON Semiconductor NB3N111KMNG Datasheet HTML 3Page - ON Semiconductor NB3N111KMNG Datasheet HTML 4Page - ON Semiconductor NB3N111KMNG Datasheet HTML 5Page - ON Semiconductor NB3N111KMNG Datasheet HTML 6Page - ON Semiconductor NB3N111KMNG Datasheet HTML 7Page - ON Semiconductor NB3N111KMNG Datasheet HTML 8Page - ON Semiconductor NB3N111KMNG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NB3N111K
http://onsemi.com
5
Table 5. AC CHARACTERISTICS VCC = 3.0 V to 3.6 V, GND = 0 V; −40°C to +85°C (Note 6)
Symbol
Characteristic
Min
Typ
Max
Unit
VOUTPP
Output Voltage Amplitude (@ VINPPmin) fin ≤ 400 MHz
725
1000
mV
tPLH,
tPHL
Propagation Delay (See Figure 3a)
CLK/CLK to Qx/Qx
550
800
1100
ps
DtPLH,
DtPHL
Propagation Delay Variation Per Each Diff Pair
(Note 7) (See Figure 3a)
CLK/CLK to Qx/Qx
100
ps
tSKEW
Duty Cycle Skew (Note 8)
Within −Device Skew
Device to Device Skew (Note 9)
20
100
150
ps
tJITq
Additive Integrated Phase Jitter at Fc = 100 MHz (Note 10)
0.1
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration)
0.150
VCC
0.85
V
VCROSS
Absolute Crossing Magnitude Voltage (See Figure 3b)
250
550
mV
DVCROSS Variation in Magnitude of VCROSS (See Figure 3b)
150
mV
tr , tf
Absolute Magnitude in Output Risetime and Falltime (from 175 mV to 525 mV)
(See Figure 3b)
Qx, Qx
150
220
400
ps
Dtr, Dtf
Variation in Magnitude of Risetime and Falltime (Single−Ended) (See Figure 3b)
Qx, Qx
125
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
6. Measured by forcing VINPP (MIN) from a 50% duty cycle. Measurement taken with all outputs loaded 50 W to GND. Connect a 475 W resistor
from IREF (Pin 1) to GND. See Figure 6.
7. Measured from the input pair crosspoint to each single output pair crosspoint across temp and voltage ranges per Figure 3.
8. Duty cycle skew is measured between differential outputs using the deviations of the sum of Tpw− and Tpw+.
9. Skew is measured between outputs under identical transition conditions @ 50 MHz.
10.Phase noise integrated from 12 kHz to 20 MHz.
Figure 3. AC Reference Measurement
CLK
CLK
Q
Q
tPLH
tPHL
VINPP = VIH(CLK) − VIL(CLK)
= VIH(CLK) − VIL(CLK)
VOUTPP = VOH(Qx) − VOL(Qx)
= VOH(Qx) − VOL(Qx)
DtPLH
DtPHL
tr
tf
525 mV
175 mV
525 mV
175 mV
DVCROSS
VCROSS
trMAX − trMIN = Dtr
trMIN
tfMAX − tfMIN = Dtf
tfMIN
tfMAX
trMAX
(a) Propagation Delay and
Propagation Delay Variation
(c) VCROSS and DVCROSS
(b) tr, tf and Dtr, Dtf
Qx
Qx
Qx
Qx
Qx
Qx


Similar Part No. - NB3N111KMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N106K ONSEMI-NB3N106K Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N106KMNG ONSEMI-NB3N106KMNG Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N106KMNR2G ONSEMI-NB3N106KMNR2G Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB3N108KMNG ONSEMI-NB3N108KMNG Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
More results

Similar Description - NB3N111KMNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N108K ONSEMI-NB3N108K Datasheet
156Kb / 9P
   3.3V Differential 1:8 Fanout Clock Data Driver
April, 2012 ??Rev. 6
NB4N111K ONSEMI-NB4N111K Datasheet
138Kb / 10P
   3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
June, 2010 ??Rev. 4
NB3N106K ONSEMI-NB3N106K Datasheet
158Kb / 10P
   Differential 1:6 Fanout Clock Driver
April, 2012 ??Rev. 5
NB4N121KMNGEVB ONSEMI-NB4N121KMNGEVB Datasheet
151Kb / 9P
   3.3V Differential 1:21 Differential Fanout Clock Driver with HCSL level Output
April, 2012 ??Rev. 6
NB4N121K ONSEMI-NB4N121K Datasheet
107Kb / 10P
   3.3V Differential In 1:21 Differential Fanout Clock Driver with HCSL level Output
June, 2007 - Rev. 0
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
Cypress Semiconductor
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com