Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE12D1005 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE12D1005
Description  Waveguide Mixer Down Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE12D1005 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE12D1005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE12D1005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE12D1005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE12D1005 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Waveguide Mixer Down Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of +13 dBm,
UG-599/U Flange, Ka Band from Pasternack Enterprises has same day shipment for domestic and International orders. Our
RF, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Waveguide Mixer Down Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And
LO Power of +13 dBm, UG-599/U Flange, Ka Band PE12D1005
URL: http://www.pasternack.com/waveguide-mixer-down-converter-wr-28-26.5-40-ghz-if-18-ghz-pe12d1005-p.aspx
PE12D1005 REV 1.0
Waveguide Mixer Down Converter WR-28 From
26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power
of +13 dBm, UG-599/U Flange, Ka Band
Waveguide Converters - PE12D1005


Similar Part No. - PE12D1005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE12D1000 PASTERNACK-PE12D1000 Datasheet
400Kb / 4P
   Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE12D1001 PASTERNACK-PE12D1001 Datasheet
699Kb / 4P
   Waveguide Mixer Down Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE12D1002 PASTERNACK-PE12D1002 Datasheet
388Kb / 4P
   Waveguide Mixer Down Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE12D1003 PASTERNACK-PE12D1003 Datasheet
389Kb / 4P
   Waveguide Mixer Down Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE12D1004 PASTERNACK-PE12D1004 Datasheet
388Kb / 4P
   Waveguide Mixer Down Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
More results

Similar Description - PE12D1005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE12D1003 PASTERNACK-PE12D1003 Datasheet
389Kb / 4P
   Waveguide Mixer Down Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE13U1005 PASTERNACK-PE13U1005 Datasheet
385Kb / 4P
   Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of plus 13 dBm
PE12D1000 PASTERNACK-PE12D1000 Datasheet
400Kb / 4P
   Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE12D1001 PASTERNACK-PE12D1001 Datasheet
699Kb / 4P
   Waveguide Mixer Down Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE12D1002 PASTERNACK-PE12D1002 Datasheet
388Kb / 4P
   Waveguide Mixer Down Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE12D1004 PASTERNACK-PE12D1004 Datasheet
388Kb / 4P
   Waveguide Mixer Down Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE13U1003 PASTERNACK-PE13U1003 Datasheet
388Kb / 4P
   Waveguide Mixer Up Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE13U1000 PASTERNACK-PE13U1000 Datasheet
391Kb / 4P
   Waveguide Mixer Up Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
   Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
   Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com