Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE12D1000 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE12D1000
Description  Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE12D1000 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• W Band (75 to 110 GHz) full waveguide Down
converter
• Broad IF Frequency Range: DC to 18 GHz
• LO Drive level: +13 dBm nominal
• RF & LO Ports: WR-10 with UG-387/U-MOD Flange
• Double Balanced design
• Low Capacitance GaAs Schottky Beam Lead diodes
• Gold Plated Compact Package Design
• Operating Temperature: 0°C to +50°C
Applications
• Receiver Subsystems
• Military Communications
• Commercial Communications
• Instruments and Test Equipment
.
Description
The PE12D1000 is a full waveguide band down converter mixer with an LO and RF frequency range of 75 to 110 GHz (W
Band). The IF frequency range is DC to 18 GHz with a nominal LO drive level of +13 dBm. The double balanced circuit
design utilizes high performance GaAs Schottky beam lead diodes. Conversion loss is 9 dB typical and flat across the entire
frequency band. The gold plated compact package design uses integrated WR-10 with UG-387/U-MOD waveguide flange
interfaces for the RF and LO ports and a female SMA connector for the IF port.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
75
110
GHz
LO Frequency Range
75
110
GHz
IF Frequency Range
DC
18
GHz
Conversion Loss
9
dB
LO Connector Power
13
15
dBm
. .
Mechanical Specifications
Temperature
Operating Range
0 to +50 deg C
Size
Length
1.4 in [35.56 mm]
Width
0.75 in [19.05 mm]
Height
0.75 in [19.05 mm]
.
Weight
0.0625 lbs [28.35 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz
And LO Power of +13 dBm, UG-387/U Flange, W Band PE12D1000
PE12D1000 REV 1.0
Waveguide Mixer Down Converter WR-10 From
75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
of +13 dBm, UG-387/U Flange, W Band
Waveguide Converters - PE12D1000


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn