Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE12D1000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part No. PE12D1000
Description  Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE12D1000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors
Description
RF Connector
LO Connector
IF Connector
Type
WR-10 UG-387/U
WR-10 UG-387/U
SMA Female
...
Configuration
Design
Mixer Down Converter
RF Connector
WR-10 UG-387/U
LO Connector
WR-10 UG-387/U
IF Connector
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Typical Performance Data
0
2
4
6
8
10
12
75
80
85
90
95
100
105
110
Freq.(GHz)
Conversion Loss Over LO Frequency
LO FREQ = 75 GHz
LO FREQ = 90 GHz
PE12D1000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz
And LO Power of +13 dBm, UG-387/U Flange, W Band PE12D1000
Waveguide Mixer Down Converter WR-10 From
75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
of +13 dBm, UG-387/U Flange, W Band
Waveguide Converters - PE12D1000


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn