Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF5NS65UD Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF5NS65UD
Description  650V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF5NS65UD Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF5NS65UD_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF5NS65UD_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF5NS65UD_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF5NS65UD_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF5NS65UD_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF5NS65UD_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF5NS65UD_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF5NS65UD
650V N-Channel MOSFET
www.goodark.com
Page 1 of 7
Rev.1.0
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
5
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
3.2
IDM
Pulsed Drain Current
15
A
Power Dissipation
50
W
PD @TC = 25°C
Linear Derating Factor
0.4
W/°C
VDS
Drain-Source Voltage
650
V
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy @ L=22.4mH
54
mJ
IAR
Avalanche Current @ L=22.4mH
2.2
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
VDSS
650V
RDS(on)
0.74Ω (typ.)
ID
5A
TO-252 (DPAK)
Marking and Pin
Assignment
Schematic Diagram
High dv/dt and avalanche capabilities
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Lead free product
The SSF5NS65UD series MOSFETs is a new technology, which combines an innovative super
junction technology and advance process. This new technology achieves low RDS(ON), energy saving,
high reliability and uniformity, superior power density and space saving.


Similar Part No. - SSF5NS65UD_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF5NS65UD SILIKRON-SSF5NS65UD Datasheet
475Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF5NS65UD GOOD-ARK-SSF5NS65UD Datasheet
1Mb / 7P
   650V N-Channel MOSFET
More results

Similar Description - SSF5NS65UD_15

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com