Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF5NS70UG Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF5NS70UG
Description  700V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF5NS70UG Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF5NS70UG_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF5NS70UG_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF5NS70UG_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF5NS70UG_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF5NS70UG_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF5NS70UG_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF5NS70UG_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSF5NS70UG
700V N-Channel MOSFET
www.goodark.com
Page 2 of 7
Rev.1.0
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case
4.4
℃/W
RθJA
Junction-to-ambient (t ≤ 10s)
62
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
700
V
VGS = 0V, ID = 250μA
1.1
1.25
VGS=10V,ID = 1A
2.3
Ω
TJ = 125°C
1.25
1.4
VGS=10V,ID = 2.8A
RDS(on)
Static Drain-to-Source on-resistance
2.6
Ω
TJ = 125°C
2
4
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
2.1
V
TJ = 125°C
1
VDS =700V,VGS = 0V
IDSS
Drain-to-Source leakage current
50
μA
TJ = 125°C
100
VGS =30V
IGSS
Gate-to-Source forward leakage
-100
nA
VGS = -30V
Qg
Total gate charge
9.7
Qgs
Gate-to-Source charge
1.9
Qgd
Gate-to-Drain("Miller") charge
2.3
nC
ID = 5A,
VDS=200V,
VGS = 10V
td(on)
Turn-on delay time
8.7
tr
Rise time
5.5
td(off)
Turn-Off delay time
22
tf
Fall time
13
ns
VGS=10V, VDS =400V,
RGEN=10.2Ω,ID =1.5A
Ciss
Input capacitance
344
Coss
Output capacitance
17
Crss
Reverse transfer capacitance
2.7
pF
VGS = 0V
VDS = 100V
ƒ = 1MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
5
A
ISM
Pulsed Source Current
(Body Diode)
15
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
0.79
1.2
V
IS=2.8A, VGS=0V
trr
Reverse Recovery Time
92
nS
Qrr
Reverse Recovery Charge
410
nC
TJ = 25°C, IF = 1.5A,
di/dt = 100A/μs


Similar Part No. - SSF5NS70UG_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF5NS70UG SILIKRON-SSF5NS70UG Datasheet
436Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF5NS70UG GOOD-ARK-SSF5NS70UG Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results

Similar Description - SSF5NS70UG_15

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com