Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF6NS70G Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF6NS70G
Description  700V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF6NS70G Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF6NS70G_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF6NS70G_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF6NS70G_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF6NS70G_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF6NS70G_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF6NS70G_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF6NS70G_15 Datasheet HTML 7Page - GOOD-ARK Electronics SSF6NS70G_15 Datasheet HTML 8Page - GOOD-ARK Electronics SSF6NS70G_15 Datasheet HTML 9Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SSF6NS70G/D/F
700V N-Channel MOSFET
www.goodark.com
Page 1 of 9
Rev.1.0
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
5.2
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
3.2
IDM
Pulsed Drain Current
15.6
A
For TO-251/TO-252 package
50
Power Dissipation
For TO-220F package
31.2
W
For TO-251/TO-252 package
0.4
PD @TC = 25°C
Linear Derating Factor
For TO-220F package
0.25
W/°C
VDS
Drain-Source Voltage
700
V
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy @ L=22.4mH
54
mJ
IAR
Avalanche Current @ L=22.4mH
2.2
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
VDSS
700V
RDS(on)
1.2Ω (typ.)
ID
5.2A
TO-251
SSF6NS70G
Schematic Diagram
High dv/dt and avalanche capabilities
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Lead free product
The SSF6NS70G/D/F series MOSFET is a new technology, which combines an innovative technology
and advance process. This new technology achieves low RDS(ON), energy saving, high reliability and
uniformity, superior power density and space saving.
TO-252
SSF6NS70D
TO-220F
SSF6NS70F


Similar Part No. - SSF6NS70G_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF6NS70G SILIKRON-SSF6NS70G Datasheet
549Kb / 10P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF6NS70G GOOD-ARK-SSF6NS70G Datasheet
1Mb / 9P
   700V N-Channel MOSFET
More results

Similar Description - SSF6NS70G_15

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com