Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3420 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3420
Description  3 Amp, 85V, NPN Silicon Power Transistors JAN, JTX, JTXV, JANS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3420 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3420 Datasheet HTML 1Page - Microsemi Corporation 2N3420 Datasheet HTML 2Page - Microsemi Corporation 2N3420 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC0982A.DOC 12-02-98
2N3420
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS::
(25
°°Case Temperature Unless Otherwise Noted)
VALUE
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
Min.
Max.
Units
BVCEO*
Collector-Emitter
Breakdown Voltage
IC = 50 mAdc, Cond. D (Note 1)
60
----
Vdc
ICEX*
Collector-Emitter
Cutoff Current
VEB = 0.5 Vdc, Cond. A, VCE = 80 Vdc
VEB = 0.5 Vdc, Cond. A, TA = 150°°C, VCE = 80 Vdc
----
----
0.3
50
µAdc
µAdc
ICEO*
Collector-Emitter
Cutoff Current
VCE = 45 Vdc, Cond. D
----
5.0
µAdc
IEBO*
Emitter-Base
Cutoff Current
VEB = 6 Vdc, Cond. D
VEB = 8 Vdc, Cond. D
----
----
0.5
10
µAdc
µAdc
hFE*
D.C. Current Gain
(Note 1)
IC = 100 mAdc, VCE = 2 Vdc
IC = 1 Adc, VCE = 2 Vdc
IC = 2 Adc, VCE = 2 Vdc
IC = 5 Adc, VCE = 5 Vdc
IC = 1 Adc, VCE = 2 Vdc, TA = - 55°°C
40
40
30
15
10
----
120
----
----
----
----
----
----
----
----
VCE(sat)*
Collector-Emitter
Saturation Voltage
(Note 1)
IC = 1 Adc, IB = 0.1 Adc
IC = 2 Adc, IB = 0.2 Adc
----
----
0.25
0.5
Vdc
Vdc
VBE(sat)*
Base-Emitter Saturation
Voltage (Note 1)
IC = 1 Adc, IB = 0.1 Adc
IC = 2 Adc, IB = 0.2 Adc
0.6
0.7
1.2
1.4
Vdc
Vdc
IS/b*
Forward Biased Second
Breakdown
VCE = 5 Vdc, TC = 100°°C
VCE = 37 Vdc, TC = 100°°C
VCE = 60 Vdc, TC = 100°°C
3
0.4
185
----
----
----
Adc
Adc
mAdc
ES/b*
Unclamped Reverse
Biased Second
Breakdown
IC = 3 Adc, L = 10 mH, Base Open
45
----
mj
ES/b*
Clamped Reverse Biased
Second Breakdown
IC = 3 Adc, L = 40 mH, VClamp = 125V
180
----
mj
fT*
Gain Bandwidth Product
IC = 0.1 Adc, VCE = 10 Vdc, f = 20 MHz
26
160
MHz
COb*
Output Capacitance
VCB = 10 Vdc, IE = 0, f = 1 MHz
----
150
pf
ton
Turn-on Time
IC = 1 Adc, IB1 = - IB2 = 0.1 Adc
----
0.3
µµs
toff
Turn-off Time
IC = 1 Adc, IB1 = - IB2 = 0.1 Adc
----
1.2
µµs
Note 1: Pulse Test: Pulse width = 300
µµSec., duty cycle ≤≤ 2%.
* Indicates MIL-S-19500/393


Similar Part No. - 2N3420

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3420 CENTRAL-2N3420 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3420 SEME-LAB-2N3420 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package.
logo
New Jersey Semi-Conduct...
2N3420 NJSEMI-2N3420 Datasheet
174Kb / 1P
   NPN TO-39/TO-5
logo
Central Semiconductor C...
2N3420 CENTRAL-2N3420 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
logo
Microsemi Corporation
2N3420 MICROSEMI-2N3420 Datasheet
50Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR
More results

Similar Description - 2N3420

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3418 MICROSEMI-2N3418 Datasheet
63Kb / 3P
   3 Amp, 85V, NPN Silicon Power Transistors JAN, JTX, JTXV, JANS
2N3421 MICROSEMI-2N3421 Datasheet
63Kb / 3P
   3 Amp, 125V, NPN Silicon Power Transistors JAN, JTX, JTXV, JANS
2N3419 MICROSEMI-2N3419 Datasheet
63Kb / 3P
   3 Amp, 125V, NPN Silicon Power Transistors JAN, JTX, JTXV, JANS
2N2880 MICROSEMI-2N2880 Datasheet
85Kb / 3P
   5 Amp, 80V, Planar, NPN Power Transistors JAN,JTX,JANTXV,JANS
2N2151 MICROSEMI-2N2151 Datasheet
69Kb / 3P
   5 Amp, 100V, Planar, NPN Power Transistors JAN, JANTX
logo
Micropac Industries
JANTXV4N49U MICROPAC-JANTXV4N49U Datasheet
51Kb / 2P
   JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
logo
STMicroelectronics
MIL-PRF-19500 STMICROELECTRONICS-MIL-PRF-19500 Datasheet
113Kb / 19P
   SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
logo
Mospec Semiconductor
2SD613 MOSPEC-2SD613 Datasheet
132Kb / 3P
   POWER TRANSISTORS(6A,85V,40W)
2SB633 MOSPEC-2SB633 Datasheet
125Kb / 3P
   POWER TRANSISTORS(6.0A,85V,40W)
logo
New Jersey Semi-Conduct...
MJ431 NJSEMI-MJ431 Datasheet
83Kb / 2P
   10 Amp NPN Silicon Power Transistors 125W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com