Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N3419 Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. 2N3419
Description  3 Amp, 125V, NPN Silicon Power Transistors JAN, JTX, JTXV, JANS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

2N3419 Datasheet(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC0981A.DOC 12-02-98
2N3419
ABSOLUTE MAXIMUM RATINGS:
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
CHARACTERISTIC
VALUE
UNITS
VCBO*
Collector-Base Voltage
125
Volts
VCEO*
Collector-Emitter Voltage
80
Volts
VEBO*
Emitter-Base Voltage
8
Volts
IC*
D.C. Collector Current
3
Amps
IC*
Peak Collector Current
5
Amps
TSTG*
Storage Temperature
-65 to 200
°°C
TJ*
Operating Junction Temperature
-65 to 200
°°C
PT*
Power Dissipation
TC = 25°°C Ambient
TC = 100°°C Case
1.0
15
Watts
Watts
3 Amp, 125V,
NPN Silicon Power
Transistors
JAN, JTX, JTXV, JANS
FEATURES:
Meets MIL-S-19500/393
Collector-Base Voltage: up to 125V
Peak Collector Current: 5A
High Power Dissipation in TO-5: 15W @ TC = 100°°C
Fast Switching
TO-5
APPLICATIONS:
Power Supply
Pulse Amplifier
High Frequency Power Switching
7516 Central Industrial Drive
Riviera Beach, Florida
33404
PHONE: (561) 842-0305
FAX: (561) 845-7813
DESCRIPTION:
DESCRIPTION:
These power transistors are produced by PPC's DOUBLE
DIFFUSED PLANAR process. This technology produces high
voltage devices with excellent switching speeds, frequency
response, gain linearity, saturation voltages, high current gain,
and safe operating areas. They are intended for use in
Commercial, Industrial, and Military power switching, amplifier,
and regulator applications.
Ultrasonically bonded leads and controlled die mount
techniques are utilized to further increase the SOA capability
and inherent reliability of these devices. The temperature
range to 200
°°C permits reliable operation in high ambients, and
the hermetically sealed package insures maximum reliability
and long life.
*
Indicates MIL-S-19500/393


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn