Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2905A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N2905A
Description  PNP BIPOLAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2905A Datasheet(HTML) 2 Page - Microsemi Corporation

  2N2905A Datasheet HTML 1Page - Microsemi Corporation 2N2905A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHARACTERISTICS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Off Characteristics
Collector-Emitter Breakdown Voltage(1)
(IC = -10 mAdc, IB = 0)
BVCEO
-60
--
--
Vdc
Collector-Base Breakdown Voltage (I C = -10 µAdc, IC = 0)
BVCBO
-60
--
--
Vdc
Emitter-Base Breakdown Voltage (I E = -10 uAdc, IC = 0)
BVEBO
-5.0
--
--
Vdc
Collector to Emitter Cutoff Current (VCE = -30 Vdc, VEB = -0.5 Vdc)
ICES
--
--
-1
uAdc
Collector-Base Cutoff Current
(VCB = -50 Vdc, IE = 0)
(VCB = -50 Vdc, IE = 0, TA = 150
o
C)
ICBO
--
--
--
--
-0.01
-10
µAdc
Emitter to Base Cutoff Current (V EB = -3.5 Vdc)
IEBO
--
--
-50
nAdc
D.C. Current Gain
(IC = -0.1 mAdc, VCE = -10 Vdc)
(IC = -1.0 mAdc, VCE = -10 Vdc)
(IC = -1.0 mAdc, VCE = - 10Vdc) @ -55C
(IC = -10 mAdc, VCE = -10 Vdc)
(IC = -150 mAdc, VCE = -10 Vdc)(1)
(IC = -500 mAdc, VCE = -10 Vdc)(1)
hFE
75
100
50
100
100
50
--
--
--
--
--
--
450
--
--
300
--
Collector-Emitter Saturation Voltage
(IC = -150 mAdc, IB = -15 Vdc)
(IC = -500 mAdc, IB = -50 Vdc)
VCE(Sat)
--
--
--
--
-0.4
-1.6
Vdc
Base-Emitter Saturation Voltage
(IC = -150 mAdc, IB = -15 Vdc)(1)
(IC = -500 mAdc, IB = -50 Vdc)(1)
VBE(Sat)
--
--
--
--
-1.3
-2.6
Vdc
Small- signal short-circuit forward current transfer ratio
(IC = 1mAdc, VCE = 10V, f = 1 kHz)
(IC = -50 mAdc, VCE = -20 Vdc, f = 100MHz)
hfe
100
--
--
--
--
2
Output Capacitance
(VCB = -10 Vdc, IE = 0, 100kHz < f < 1MHz )
COB
--
--
8.0
pf
Input Capacitance
(VEB = -2.0 Vdc, IC = 0, 100kHz < f < 1MHz)
CIB
--
--
30
pf
Switching Speeds, Turn-on Time
Turn-on Time
(VCC = -30 Vdc, IC = -150 mAdc, IB1 = -15mAdc)
tON
--
--
45
ns
Turn-off Time
(VCC = -6.0 Vdc, IC = -150 mAdc, IB1 = IB2 = -15 mAdc)
toff
--
--
300
ns
Electrical Parameters (TA @ 25
°°C unless otherwise specified)
2N2905A
(1) Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
Datasheet# MSC0278A 5/19/97


Similar Part No. - 2N2905A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2905A SEME-LAB-2N2905A Datasheet
18Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
Microsemi Corporation
2N2905A MICROSEMI-2N2905A Datasheet
175Kb / 4P
   PNP SWITCHING SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N2905A SEMICOA-2N2905A Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
logo
ON Semiconductor
2N2905A ONSEMI-2N2905A Datasheet
94Kb / 3P
   Switching Transistor
July, 2011 ??Rev. 0
logo
Semicoa Semiconductor
2N2905A SEMICOA-2N2905A Datasheet
46Kb / 2P
   Type 2N2905A Geometry 0600 Polarity PNP
More results

Similar Description - 2N2905A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N4033 MICROSEMI-2N4033 Datasheet
489Kb / 2P
   PNP BIPOLAR TRANSISTOR
2N2907A MICROSEMI-2N2907A Datasheet
64Kb / 2P
   PNP BIPOLAR TRANSISTOR
2N3251A MICROSEMI-2N3251A Datasheet
64Kb / 2P
   PNP BIPOLAR TRANSISTOR
logo
Taiwan Semiconductor Co...
2SA2029-Q TSC-2SA2029-Q Datasheet
706Kb / 3P
   PNP Bipolar Transistor
logo
GUANGDONG HOTTECH INDUS...
2SB507 HOTTECH-2SB507 Datasheet
471Kb / 3P
   BIPOLAR TRANSISTOR (PNP)
logo
KODENSHI_AUK CORP.
SUTP052G KODENSHI-SUTP052G Datasheet
361Kb / 6P
   Dual PNP Bipolar transistor
logo
Bruckewell Technology L...
BC807-40 BWTECH-BC807-40 Datasheet
439Kb / 5P
   TRANSISTOR PNP BIPOLAR 45V
logo
STMicroelectronics
2STA1837 STMICROELECTRONICS-2STA1837 Datasheet
143Kb / 7P
   PNP power bipolar transistor
March 2010 Rev 2
logo
Solid States Devices, I...
TR0089 SSDI-TR0089 Datasheet
34Kb / 2P
   PNP POWER DARLINGTON BIPOLAR TRANSISTOR
logo
NXP Semiconductors
PHPT610030PK NXP-PHPT610030PK Datasheet
248Kb / 15P
   PNP/PNP high power double bipolar transistor
22 October 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com