Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK672-523-E Datasheet(PDF) 11 Page - ON Semiconductor

Part # STK672-523-E
Description  2-phase Stepping Motor Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-523-E Datasheet(HTML) 11 Page - ON Semiconductor

Back Button STK672-523-E Datasheet HTML 7Page - ON Semiconductor STK672-523-E Datasheet HTML 8Page - ON Semiconductor STK672-523-E Datasheet HTML 9Page - ON Semiconductor STK672-523-E Datasheet HTML 10Page - ON Semiconductor STK672-523-E Datasheet HTML 11Page - ON Semiconductor STK672-523-E Datasheet HTML 12Page - ON Semiconductor STK672-523-E Datasheet HTML 13Page - ON Semiconductor STK672-523-E Datasheet HTML 14Page - ON Semiconductor STK672-523-E Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
STK672-523-E
No. A2110-11/22
Usage Notes
1. STK672-523-E, STK672-533-E and STK672-543-E input signal functions and timing
(All inputs have no internal pull-up resistor.)
[RESETB and CLOCK (Input signal timing when power is first applied)]
As shown in the timing chart, a RESETB signal input is required by the driver to operate with the timing in which the
F1 gate is turned on first. The RESETB signal timing must be set up to have a width of at least 4
μs, as shown below.
The capacitor CO2, and the resistors RO3 and RO4 in the application circuit form simple reset circuit that uses the
RC time constant rising time. However, when designing the RESETB input based on VIH levels, the application
must have the timing shown in figure.
Figure 1 RESETB and CLOCK Signals Input Timing
[CLOCK (Phase switching clock)]
• Input frequency: DC to 50kHz
• Minimum pulse width: 10μs
• Signals are read on the rising edge.
[CWB (Motor direction setting)]
The direction of rotation is switched by setting CWB to 1 (high) or 0 (low).
See the timing charts for details on the operation of the outputs.
Note: The state of the CWB input must not be changed during the 4
μs period before and after the rising edge of
the CLOCK input.
[ENABLE (Controls forced OFF for A, AB, B, and selects BB and selects operation/hold mode of the hybrid IC)]
ENABLE=1: Normal operation
ENABLE=0: Outputs A, AB, B, and BB forced to the off state.
If, during the state where CLOCK signal input is provided, the ENABLE pin is set to 0 and then is later
restored to the 1 state, the IC will resume operation with the excitation timing continued from before
the point ENABLE was set to 0.
Enable must be initially set high for input as shown in the timing chart.
[MODE (Excitation mode selection)]
MODE=0: 2-phase excitation
MODE=1: 1-2 phase excitation
See the timing charts for details on output operation in these modes.
Note: The state of the MODE input must not be changed during the 4
μs period before and after the rising edge of the
CLOCK input.
Rise of the 5V supply
voltage
RESETB signal input
CLOCK signal
At least
4
μs
At least
4
μs


Similar Part No. - STK672-523-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-523-E SANYO-STK672-523-E Datasheet
132Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results

Similar Description - STK672-523-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com