Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK672-440AN-E Datasheet(PDF) 6 Page - ON Semiconductor

Part # STK672-440AN-E
Description  2-phase Stepper Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-440AN-E Datasheet(HTML) 6 Page - ON Semiconductor

Back Button STK672-440AN-E Datasheet HTML 2Page - ON Semiconductor STK672-440AN-E Datasheet HTML 3Page - ON Semiconductor STK672-440AN-E Datasheet HTML 4Page - ON Semiconductor STK672-440AN-E Datasheet HTML 5Page - ON Semiconductor STK672-440AN-E Datasheet HTML 6Page - ON Semiconductor STK672-440AN-E Datasheet HTML 7Page - ON Semiconductor STK672-440AN-E Datasheet HTML 8Page - ON Semiconductor STK672-440AN-E Datasheet HTML 9Page - ON Semiconductor STK672-440AN-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
STK672-440AN-E
No.A2272-6/26
Sample Application Circuit
(2W1-2 Phase Excitation Drive /micro stepping operation)
Precautions
[GND wiring]
To reduce noise on the 5V/24V system, be sure to place the GND of C01 in the circuit given above as close as possible
to Pin 2 and Pin 6 of the hybrid IC.
In addition, in order to set the current accurately, the GND side of RO2 of Vref must be connected to the shared ground
terminal used by the Pin 18 (S.G) GND, P.G1 and P.G2.
[Input pins]
If VDD is being applied, use care that each input pin does not apply a negative voltage less than -0.3V to S. GND,
Pin 18. Measures must also be taken so that a voltage equal to or greater than VDD is not input.
High voltage input other than VDD, MOI, FAULT1, and FAULT2 is 2.5V.
Pull-up resistors are not connected to input pins. Pull-down resistors are attached. When controlling the input to the
hybrid IC with the open collector type, be sure to connect a pull-up resistor (1 to 20k
).
Be sure to use a device (0.8V or less, low level, when IOL=5mA) for the open collector driver at this time that has an
output voltage specification such that voltage is pulled to less than 0.8V at low level.
When using the power on reset function built into the hybrid IC, be sure to directly connect Pin 14 to VDD.
We recommend attaching a 1,000pF capacitor to each input to prevent malfunction during high-impedance input. Be
sure to connect the capacitor near the hybrid IC, between Pin 18 (S, G).
When input is fixed low, directly connect to Pin 18. When input is fixed high, directly connect to VDD.
[Current setting Vref]
Considering the specifications for the Vref input bias current IIB, we recommend a value 1k
 or less for R02.
If the motor current is temporarily reduced, the circuit given below is recommended.
The variable voltage range of Vref input is 0.2 to 1.8V.
STK672
-44xAN-E
+
9
12
15
10
13
7
14
19
18
6
2
5
4
1
3
VDD
5V
CLOCK
ENABLE
CWB
MOI
RESETB
FAULT1
A
AB
B
BB
Vref
R01
S.GND
R02
P.G1
P.G2
P.GND
C01
100μ
2-phase stepper motor
16
8
FAULT2
11
17
+
C02
10μ
Vcc=24V


Similar Part No. - STK672-440AN-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-440A-E SANYO-STK672-440A-E Datasheet
147Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440A-E SANYO-STK672-440A-E Datasheet
164Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-440A-E SANYO-STK672-440A-E_11 Datasheet
164Kb / 21P
   2-phase Stepping Motor Driver
More results

Similar Description - STK672-440AN-E

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com