Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV47011P Datasheet(PDF) 1 Page - ON Semiconductor

Part # LV47011P
Description  4-Channel BTL Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV47011P Datasheet(HTML) 1 Page - ON Semiconductor

  LV47011P Datasheet HTML 1Page - ON Semiconductor LV47011P Datasheet HTML 2Page - ON Semiconductor LV47011P Datasheet HTML 3Page - ON Semiconductor LV47011P Datasheet HTML 4Page - ON Semiconductor LV47011P Datasheet HTML 5Page - ON Semiconductor LV47011P Datasheet HTML 6Page - ON Semiconductor LV47011P Datasheet HTML 7Page - ON Semiconductor LV47011P Datasheet HTML 8Page - ON Semiconductor LV47011P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
42512SY/41812SY/O2611SY 20110930-S00015/60811SY/92910SY No.A1838-1/10
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LV47011P
Overview
The LV47011P is the IC for 4-channel BTL power amplifier that is developed for car audio system.
Pch DMOS in the upper side of the output stage and Nch DMOS in the lower side of the output stage are
complimentary. High power and high quality sound are realized by that.
This IC incorporate various functions (standby switch, muting function, and various protection circuit) necessary for
car audio system. Also, it has a self-diagnosis function.
Functions
 High output : PO max = 50W (typical) (VCC = 15.2V, f = 1kHz, RL = 4, Max power)
: PO max = 29W (typical) (VCC = 14.4V, f = 1kHz, THD = 10%, RL = 4)
: PO max = 22W (typical) (VCC = 14.4V, f = 1kHz, THD = 1%, RL = 4)
 Built-in muting function (pin 22)
 Built-in Standby switch (pin 4)
 Built-in Self-diagnosis function (pin 25) :
Signal output in case of output offset detection, shorting to VCC, shorting to ground, and load shorting.
 Electric mirror noise decrease
 Built-in various protection circuit (shorting to ground, shorting to VCC, load shorting, over voltage and thermal shut
down)
 No external anti-oscillation part necessary.
Note 1 : Please do not mistake connection.
A wrong connection may produce destruction, deterioration and damage for the IC or equipment.
Note 2 : The protective circuit function is provided to temporarily avoid abnormal state such as incorrect output
connection. But, there is no guarantee that the IC is not destroyed by the accident.
The protective function do not operate of the operation guarantee range. If the outputs are connected incorrectly,
IC destruction may occur when used outside of the operation guarantee range.
Note 3 : External parts, such as the anti-oscillation part, may become necessary depending on the set condition. Check
their necessity for each set.
Ordering number : ENA1838D
Ordering number : ENA1838D
Monolithic Linear IC
4-Channel BTL Power Amplifier
for Car Audio Systems


Similar Part No. - LV47011P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P Datasheet
285Kb / 10P
   4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P_12 Datasheet
285Kb / 10P
   4-Channel BTL Power Amplifier
More results

Similar Description - LV47011P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P_12 Datasheet
285Kb / 10P
   4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47009P ONSEMI-LV47009P Datasheet
177Kb / 11P
   4-Channel BTL Power Amplifier
May, 2013
LV47017P ONSEMI-LV47017P Datasheet
182Kb / 11P
   4-Channel BTL Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P_12 Datasheet
296Kb / 11P
   4-Channel BTL Power Amplifier
logo
ON Semiconductor
ENA2047A ONSEMI-ENA2047A Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier
May, 2013
logo
Panasonic Semiconductor
AN7125 PANASONIC-AN7125 Datasheet
61Kb / 6P
   Dual Channel BTL Power Amplifier
logo
ON Semiconductor
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
   2-Channel BTL Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com