Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148UB2 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # 1N4148UB2
Description  PERFORMANCE SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4148UB2 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button 1N4148UB2 Datasheet HTML 4Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 5Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 6Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 7Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 8Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 9Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 10Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 11Page - Microsemi Corporation 1N4148UB2 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MIL-PRF-19500/116L
8
2.3 Order of precedence. In the event of a conflict between the text of this document and the references cited
herein the text of this document takes precedence. Nothing in this document, however, supersedes applicable laws
and regulations unless a specific exemption has been obtained.
3. REQUIREMENTS
3.1 General. The requirements for acquiring the product described herein shall consist of this document and
MIL-PRF-19500.
3.2 Qualification. Devices furnished under this specification shall be products that are manufactured by a
manufacturer authorized by the qualifying activity for listing on the applicable qualified manufacturer's list (QML)
before contract award (see 4.2 and 6.3).
3.3 Abbreviations, symbols, and definitions. Abbreviations, symbols, and definitions used herein shall be as
specified in MIL-PRF-19500 and as follows.
V
fr
Forward recovery voltage. Specified maximum forward voltage used to determine forward recovery
time.
LS
Lead spacing distance between device body and electrical/mechanical contact on lead.
UB
Hermetic unleaded 3 terminal (LCC, Leadless Chip Carrier) package type.
UR
Unleaded round package type designation.
3.4 Interface and physical dimensions. Interface and physical dimensions shall be as specified in
MIL-PRF-19500, and on figures 1, 2, 3, 4, and 5 herein.
3.4.1 Lead finish. Lead finish shall be solderable in accordance with MIL-PRF-19500, MIL-STD-750, and herein.
Where a choice of lead finish is desired, it shall be specified in the acquisition document (see 6.2).
3.4.2 Diode construction. All devices (except UB version) shall be metallurgically bonded double plug construction
in accordance with the requirements of category I, II, or III (see MIL-PRF-19500). The UB package shall be wire
bonded, eutectically mounted devices.
3.5 Electrical performance characteristics. Unless otherwise specified herein, the electrical performance
characteristics are as specified in 1.3, 1.4, and table I.
3.6 Electrical test requirements. The electrical test requirements shall be the subgroups specified in 4.4.2 and
4.4.3 herein.
3.7 Marking. Marking shall be in accordance with MIL-PRF-19500. At the option of the manufacturer, marking
may be omitted from the body, but shall be retained on the initial container.
3.7.1 UR devices. "UR" devices shall be marked with a cathode band only. Initial container package marking shall
be in accordance with MIL-PRF-19500.
3.7.2 UB devices. The part number may be reduced to J4148, JX4148, or JV4148. Manufacturers identification
and date code shall be marked on the devices.
3.7.3 UBR devices. The part number may be reduced to J4148, JX4148, or JV4148. Manufacturers identification
and date code shall be marked on the devices.
3.8 Polarity. The polarity shall be indicated with a contrasting color band to denote the cathode end. No color
coding will be permitted. UB packages do not require polarity marking.
3.9 Workmanship. Semiconductor devices shall be processed in such a manner as to be uniform in quality and
shall be free from other defects that will affect life, serviceability, or appearance.


Similar Part No. - 1N4148UB2

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4148UR-1 CDI-DIODE-1N4148UR-1 Datasheet
33Kb / 2P
   SWITCHING DIODE
logo
Microsemi Corporation
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
63Kb / 1P
   MINI-MELF-SMD Silicon Diode
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
50Kb / 2P
   SWITCHING DIODE
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
85Kb / 1P
   SWITCHING DIODE
logo
M/A-COM Technology Solu...
1N4148UR-1 MA-COM-1N4148UR-1 Datasheet
601Kb / 3P
   Hermetically Sealed
More results

Similar Description - 1N4148UB2

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
SMD0805P050TF-12 LEIDITECH-SMD0805P050TF-12 Datasheet
802Kb / 4P
   Performance Specification
SMD2920P400TF LEIDITECH-SMD2920P400TF Datasheet
661Kb / 4P
   Performance Specification
logo
Macronix International
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12835EMI-10G MCNIX-MX25L12835EMI-10G Datasheet
1Mb / 87P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12855EMI-10G MCNIX-MX25L12855EMI-10G Datasheet
2Mb / 81P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com