Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB8111V Datasheet(PDF) 3 Page - ON Semiconductor

Part # LB8111V
Description  3-phase Brushless Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB8111V Datasheet(HTML) 3 Page - ON Semiconductor

  LB8111V Datasheet HTML 1Page - ON Semiconductor LB8111V Datasheet HTML 2Page - ON Semiconductor LB8111V Datasheet HTML 3Page - ON Semiconductor LB8111V Datasheet HTML 4Page - ON Semiconductor LB8111V Datasheet HTML 5Page - ON Semiconductor LB8111V Datasheet HTML 6Page - ON Semiconductor LB8111V Datasheet HTML 7Page - ON Semiconductor LB8111V Datasheet HTML 8Page - ON Semiconductor LB8111V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LV8111V
No.A1416-3/15
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
FGFIL pin
High level output voltage
VOH(FGFIL)
2.7
3.0
3.3
V
Low level output voltage
VOL(FGFIL)
0.75
0.85
0.95
V
External capacitor charge current
ICHG1
VCHG1 = 1.5V
-5
-4
-3
A
External capacitor discharge current
ICHG2
VCHG2 = 1.5V
3
4
5
A
Amplitude
V(FGFIL)
1.95
2.15
2.35
Vp-p
FG Output
Output ON resistance
VOL(FG)
IFG = 7mA
20
30
Output leakage current
IL(FG)
VO = 5V
10
A
PWM Oscillator
High level output voltage
VOH(PWM)
2.95
3.2
3.45
V
Low level output voltage
VOL(PWM)
1.3
1.5
1.7
V
External capacitor charge current
ICHG(PWM) VPWM = 2V
-90
-70
-50
A
Oscillation frequency
f(PWM)
C = 150pF
180
225
270
kHz
Amplitude
V(PWM)
1.5
1.7
1.9
Vp-p
Recommended operation frequency
range
fOPR
15
300
kHz
CSD Oscillation Circuit
High level output voltage
VOH(CSD)
2.7
3.0
3.3
V
Low level output voltage
VOL(CSD)
0.8
1.0
1.2
V
Amplitude
V(CSD)
1.75
2.0
2.25
Vp-p
External capacitor charge current
ICHG1(CSD) VCHG1 = 2.0V
-14
-10
-6
A
External Capacitor Discharge Current
ICHG2(CSD) VCHG2 = 2.0V
8
11
14
A
Oscillation frequency
f(CSD)
C = 0.068
F,Design target value *
30
40
50
Hz
Phase comparing output
Output ON resistance (high level)
VPDH
IOH = -100A
500
700
Output ON resistance (low level)
VPDL
IOL = 100A
500
700
Phase Lock Detection Output
Output ON resistance
VOL(LD)
ILD = 10mA
20
30
Output leakage current
IL(LD)
VO = 5V
10
A
Error Amplifier Block
Input offset voltage
VIO(ER)
Design target value *
-10
+10
mV
Input bias current
IB(ER)
-1
+1
A
High level output voltage
VOH(ER)
IOH = -100A
EI+0.7
EI+0.85
EI+1.0
V
Low level output voltage
VOL(ER)
IOL = 100A
EI-1.75
EI-1.6
EI-1.45
V
DC bias level
VB(ER)
-5%
VREG/2
5%
V
Current Control Circuit
Drive gain
GDF
While phase locked
0.5
0.55
0.6
times
Current Limiter Circuit (pins RF and RFS)
Limiter voltage
VRF
0.465
0.515
0.565
V
Under-voltage Protection
Operation voltage
VSD
8.3
8.7
9.1
V
Hyteresis
VSD
0.2
0.35
0.5
V
CLD Circuit
External capacitor charge current
ICLD
VCLD = 0V
-4.5
-3.0
-1.5
A
Operation voltage
VH(CLD)
3.25
3.5
3.75
V
Thermal Shutdown Operation
Thermal shutdown operation
temperature
TSD
Design target value (Junction temperature)
150
175
C.
Hysteresis
TSD
Design target value (Junction temperature)
30
C
* Design target value, Do not measurement.
Continued on next page.


Similar Part No. - LB8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8111V SANYO-LB8111V Datasheet
112Kb / 7P
   8mm VTR Sensor Amplifier
More results

Similar Description - LB8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com