Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6500 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT6500
Description  3.0 A Power Selector Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6500 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT6500 Datasheet HTML 1Page - ON Semiconductor CAT6500 Datasheet HTML 2Page - ON Semiconductor CAT6500 Datasheet HTML 3Page - ON Semiconductor CAT6500 Datasheet HTML 4Page - ON Semiconductor CAT6500 Datasheet HTML 5Page - ON Semiconductor CAT6500 Datasheet HTML 6Page - ON Semiconductor CAT6500 Datasheet HTML 7Page - ON Semiconductor CAT6500 Datasheet HTML 8Page - ON Semiconductor CAT6500 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT6500
www.onsemi.com
4
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Pin
Range
Unit
Input Voltage Range (Note 1)
VPS
PS1, PS2
−5.0 to 18
V
VCC,
VPWR_OUT
VCC, C1, PWR_OUT
−0.3 to 6.0
Control Logic Input Range
VL_IN
RM_ENx, PRIORITY
−0.3 to 6.0
V
Control Logic Output Range
VL_OUT
SW1_STAT, SW2_STAT
−0.3 to 6.0
V
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
TSTG
−65 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
ALL
2
kV
ESD Capability, Machine Model (Note 2)
ESDMM
ALL
200
V
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions (Note 3)
TSLD
ALL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating:
≤ 150 mA per JEDEC standard: JESD78
3. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D
Table 3. THERMAL CHARACTERISTICS (Note 4)
Parameter
Symbol
Value
Unit
Thermal Characteristics, TDFN−32 4.4 x 4.4 mm
Thermal Resistance, Junction−to−Air, 1 sq. Inch, 1 oz. Copper Clad PCB
Thermal Resistance, Junction−to−Air, 1 sq. Inch, 2 oz. Copper Clad PCB
RθJA
59
54
°C/W
4. Values based on copper area of 645 mm2 (or 1 in2) of 1 oz copper thickness and FR4 PCB substrate.
Table 4. RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Input Voltage PS1, PS2
VCC
1.6
5.5
V
VPWR_OUT
0
5.5
VPS1, VPS2
−5
7.7
Output Current
IPWR_OUT
0
3.3
A
Control Logic; Inputs and Outputs
VL_IN, VL_OUT
0
5.5
V
Ambient Temperature
TA
−40
+85
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - CAT6500

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAT65067 DAICO-CAT65067 Datasheet
34Kb / 1P
   GaAs 6 Section Attenuator
More results

Similar Description - CAT6500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4700DY VISHAY-SI4700DY Datasheet
76Kb / 8P
   Power Selector Switch
Rev. A, 24-Jan-00
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
logo
Advanced Analogic Techn...
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
   Power Supply Selector Switch
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
   Power Supply Selector Switch
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
   SELECTOR SWITCH
Aug 15, 2019
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
   Selector switch
logo
Freescale Semiconductor...
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com