Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6822 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N6822
Description  LOW LEAKAGE SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6822 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N6822 Datasheet HTML 1Page - Microsemi Corporation 1N6822 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Reverse (Leakage)
IR25
VR= 45 Vdc, Tc= 25
°C
.01
1
mA
Current
IR100
VR= 45 Vdc, Tc= 100
°C
2
-
mA
IR125
VR= 45 Vdc, Tc= 125
°C
10
100
mA
Forward Voltage
VF1
IF= 10A, Tc= 25
°C
475
-
mV
pulse test,
VF2
IF= 50A, Tc= 25
°C
550
600
mV
pw= 300
µs
VF3
IF= 100A, Tc= 25
°C
630
700
mV
d/c
≤2%
VF4
IF= 150A, Tc= 25
°C
700
760
mV
VF5
IF= 200A, Tc= 25
°C
750
-
mV
VF6
IF= 50A, Tc= -55
°C
650
720
mV
VF7
IF= 50A, Tc= 125
°C
440
500
mV
VF8
IF= 100A, Tc= -55
°C
700
800
mV
VF9
IF= 100A, Tc= 125
°C
560
650
mV
VF10
IF= 150A, Tc= -55
°C
-
860
mV
VF11
IF= 150A, Tc= 125
°C
-
740
mV
VF12
IF= 10 mA, Tc= 25
°C
265
-
mV
VF13
IF= 50 mA, Tc= 25
°C
310
-
mV
VF14
IF= 100 mA, Tc= 25
°C
330
-
mV
Junction Capacitance
Cj1
VR= 10 Vdc
3800
4400
pF
Cj2
VR= 5 Vdc
TBD
pF
Breakdown Voltage
BVR
IR= 1 mA, Tc= 25
°C
60
V
IR= 1 mA, Tc= -55
°C
45
50
V
Electrical Parameters
1N6822
(MSASC150W45L)
1N6822R
(MSASC150W45LR)


Similar Part No. - 1N6822

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6820 MICROSEMI-1N6820 Datasheet
88Kb / 2P
   LOW REVERSE LEAKAGE SCHOTTKY DIODE
1N6820R MICROSEMI-1N6820R Datasheet
88Kb / 2P
   LOW REVERSE LEAKAGE SCHOTTKY DIODE
1N6821 MICROSEMI-1N6821 Datasheet
86Kb / 3P
   LOW VOLTAGE DROP SCHOTTKY DIODE
1N6821R MICROSEMI-1N6821R Datasheet
86Kb / 3P
   LOW VOLTAGE DROP SCHOTTKY DIODE
1N6823 MICROSEMI-1N6823 Datasheet
80Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
More results

Similar Description - 1N6822

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6823 MICROSEMI-1N6823 Datasheet
80Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
MSASC100W100H MICROSEMI-MSASC100W100H Datasheet
47Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
MSASC25W45K MICROSEMI-MSASC25W45K Datasheet
77Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
1N6819 MICROSEMI-1N6819 Datasheet
88Kb / 2P
   LOW LEAKAGE CURRENT SCHOTTKY DIODE
1N6817 MICROSEMI-1N6817 Datasheet
140Kb / 2P
   LOW REVERSE LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZLLS350 DIODES-ZLLS350 Datasheet
90Kb / 4P
   40V LOW LEAKAGE SCHOTTKY DIODE
logo
Microsemi Corporation
1N6820 MICROSEMI-1N6820 Datasheet
88Kb / 2P
   LOW REVERSE LEAKAGE SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD87R CENTRAL-CPD87R Datasheet
710Kb / 2P
   Low Leakage Schottky Diode Chip
logo
Diodes Incorporated
ZLLS350 DIODES-ZLLS350_15 Datasheet
166Kb / 4P
   40V LOW LEAKAGE SCHOTTKY DIODE
logo
Microsemi Corporation
MSASC100W45H MICROSEMI-MSASC100W45H Datasheet
39Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com