Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10082CA Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C10082CA
Description  Mini-spectrometers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10082CA Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C10082CA_15 Datasheet HTML 1Page - Hamamatsu Corporation C10082CA_15 Datasheet HTML 2Page - Hamamatsu Corporation C10082CA_15 Datasheet HTML 3Page - Hamamatsu Corporation C10082CA_15 Datasheet HTML 4Page - Hamamatsu Corporation C10082CA_15 Datasheet HTML 5Page - Hamamatsu Corporation C10082CA_15 Datasheet HTML 6Page - Hamamatsu Corporation C10082CA_15 Datasheet HTML 7Page - Hamamatsu Corporation C10082CA_15 Datasheet HTML 8Page - Hamamatsu Corporation C10082CA_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TM series
Mini-spectrometers
C10082CA/C10083CA series
2
Optical characteristics
Parameter
TM-UV/VIS-CCD
TM-VIS/NIR-CCD
Unit
C10082CA
C10082CAH
C10083CA
C10083CAH
Spectral response range
200 to 800
320 to 1000
nm
Spectral resolution (FWHM)*3
6 max.
1 typ.
8*4 max.
1*4 typ.
nm
Wavelength reproducibility*5
-0.2 to +0.2
nm
Wavelength temperature dependence
-0.04 to +0.04
nm/°C
Spectral stray light*3 *6
-33 max.
-30 max.
dB
*3: Depends on the slit opening. Values were measured with the slit listed in the table “ Structure / Absolute maximum ratings”.
*4:
λ=320 to 900 nm
*5: Measured under constant light input conditions
*6: When monochromatic light of the following wavelengths is input, spectral stray light is defined as the ratio of the count measured at
the input wavelength, to the count measured in a region of the input wavelength ±40 nm.
C10082CA/C10082CAH: 500 nm, C10083CA/C10083CAH: 650 nm
Electrical characteristics
Parameter
Specification
Unit
A/D conversion
16
bits
Integration time
10 to 10000
ms
Interface
USB 1.1
-
USB bus power current consumption
100 max.
mA
External power supply
5
V
Consumption current of external power supply
0.8 max.
A
Structure / Absolute maximum ratings
Parameter
Specification
Unit
Dimensions (W × D × H)
95 × 92 × 76
mm
Weight
685
g
Image sensor
Back-thinned type CCD image sensor (S10420-1106-01)
-
Number of pixels
2048
pixels
Slit*7 (H × V)
70 × 800
10 × 1000
70 × 800
10 × 1000
μm
NA*8
0.22
0.11
0.22
0.11
-
Connector for optical fiber
SMA905D
-
Operating temperature*9
+5 to +40
°C
Storage temperature*9
-20 to +70
°C
*7: Entrance slit aperture size
*8: Numeric aperture (solid angle)
*9: No dew condensation
When there is a temperature difference between a product and the surrounding area in high humidity environment, dew condensation
may occur on the product surface. Dew condensation on the product may cause deterioration in characteristics and reliability.
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Product line-up
TM series includes the following models. Spectral resolution of each model differs according to the slit width and NA.
Type no.
NA
Slit width
Spectral response range
200 to 800 nm
Spectral response range
320 to 1000 nm
C10082CA-2200
C10083CA-2200
0.22
200 μm
C10082CA-2100
C10083CA-2100
0.22
100 μm
C10082CA
C10083CA
0.22
70 μm
C10082CA-2050
C10083CA-2050
0.22
50 μm
C10082CA-1050
C10083CA-1050
0.11
50 μm
C10082CA-1025
C10083CA-1025
0.11
25 μm
C10082CAH
C10083CAH
0.11
10 μm


Similar Part No. - C10082CA_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10082CAH HAMAMATSU-C10082CAH Datasheet
300Kb / 4P
   Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
More results

Similar Description - C10082CA_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11007MA HAMAMATSU-C11007MA_15 Datasheet
406Kb / 11P
   Mini-spectrometers
C9913GC HAMAMATSU-C9913GC_15 Datasheet
305Kb / 8P
   Mini-spectrometers
C9404CA HAMAMATSU-C9404CA_15 Datasheet
423Kb / 8P
   Mini-spectrometers
C11714CB HAMAMATSU-C11714CB_15 Datasheet
450Kb / 9P
   Mini-spectrometers
C11713CA HAMAMATSU-C11713CA_15 Datasheet
450Kb / 9P
   Mini-spectrometers
C10988MA-01 HAMAMATSU-C10988MA-01_15 Datasheet
549Kb / 10P
   Mini-spectrometers
logo
Agilent(Hewlett-Packard...
4500 HP-4500 Datasheet
301Kb / 2P
   4500 Series FTIR spectrometers
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com