Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C11482GA Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C11482GA
Description  Mini-spectrometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C11482GA Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C11482GA_15 Datasheet HTML 1Page - Hamamatsu Corporation C11482GA_15 Datasheet HTML 2Page - Hamamatsu Corporation C11482GA_15 Datasheet HTML 3Page - Hamamatsu Corporation C11482GA_15 Datasheet HTML 4Page - Hamamatsu Corporation C11482GA_15 Datasheet HTML 5Page - Hamamatsu Corporation C11482GA_15 Datasheet HTML 6Page - Hamamatsu Corporation C11482GA_15 Datasheet HTML 7Page - Hamamatsu Corporation C11482GA_15 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TG series
Mini-spectrometer
C11482GA
5
Dimensional outline (unit: mm)
38.5
16.0
105.5
Tolerance unless otherwise noted: ±0.5
Weight: 280 g
41.8
68.6
(2×) M3 tap depth 5.0
from backside
Film thickness measurement (white light interferometry)
Measurement example
0
40000
30000
20000
10000
Pixels
0
100
200
300
400
500
KACCB0095EA
Thickness of 10 μm thick food wrapping film (polyvinylidene
chloride) was measured.
Note:
Principle of film thickness measurement:
In film thickness measurement utilizing white light interferometry,
an interference spectrum resulting from internal reflections
between the front and back surfaces of a film is obtained.
The film thickness can then be determined by calculation from
the spectral peak count, wavelength range, refractive index of
film and incident light angle.
KACCA0146EE


Similar Part No. - C11482GA_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11482GA HAMAMATSU-C11482GA Datasheet
580Kb / 8P
   Mini-spectrometer
More results

Similar Description - C11482GA_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11482GA HAMAMATSU-C11482GA Datasheet
580Kb / 8P
   Mini-spectrometer
C11118GA HAMAMATSU-C11118GA_15 Datasheet
322Kb / 7P
   Mini-spectrometer
C13053MA HAMAMATSU-C13053MA_15 Datasheet
406Kb / 9P
   Mini-spectrometer
C13054MA HAMAMATSU-C13054MA_15 Datasheet
410Kb / 9P
   Mini-spectrometer
C11697MB HAMAMATSU-C11697MB_15 Datasheet
297Kb / 9P
   Mini-spectrometer
C9404CA HAMAMATSU-C9404CA Datasheet
302Kb / 4P
   Mini-spectrometer TG series
C12880MA HAMAMATSU-C12880MA_15 Datasheet
788Kb / 12P
   Micro-spectrometer
C12666MA HAMAMATSU-C12666MA Datasheet
832Kb / 11P
   Micro-spectrometer
C12666MA HAMAMATSU-C12666MA_15 Datasheet
1Mb / 11P
   Micro-spectrometer
C10082MD HAMAMATSU-C10082MD Datasheet
293Kb / 4P
   Mini-spectrometer TM series Integrating optical system, image sensor and circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com