Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C11697MB Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part # C11697MB
Description  Mini-spectrometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C11697MB Datasheet(HTML) 8 Page - Hamamatsu Corporation

  C11697MB_15 Datasheet HTML 1Page - Hamamatsu Corporation C11697MB_15 Datasheet HTML 2Page - Hamamatsu Corporation C11697MB_15 Datasheet HTML 3Page - Hamamatsu Corporation C11697MB_15 Datasheet HTML 4Page - Hamamatsu Corporation C11697MB_15 Datasheet HTML 5Page - Hamamatsu Corporation C11697MB_15 Datasheet HTML 6Page - Hamamatsu Corporation C11697MB_15 Datasheet HTML 7Page - Hamamatsu Corporation C11697MB_15 Datasheet HTML 8Page - Hamamatsu Corporation C11697MB_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TM series
Mini-spectrometer
C11697MB
8
Mini-spectrometer/micro-spectrometer lineup
C9405CB
Type no.
Type
Spectral resolution
max.
(nm)
Spectral resolution
max.
(nm)
Spectral response range (nm)
C10082CA
C10082CAH
C10082MD
C10083CA
C10083CAH
C10083MD
C9404CA
C9404CAH
C11482GA
C9913GC
C9914GB
6
6
8
(λ=320 to 900 nm)
(λ=320 to 900 nm)
8
3
7
7
8
20
3.5
8
8
9
1
*
1
*
1
*
Type no.
Type
C11009MA
C11010MA
For installation into mobile measuring equipment
9
* Typ.
C11007MA
C13053MA
C11008MA
C11118GA
200 to 800
320 to 1000
200 to 400
500 to 1100
500 to 1100
900 to 1700
900 to 2550
1100 to 2200
340 to 780
0.4
*
C13054MA
640 to 1050
340 to 780
640 to 1050
For installation into mobile measuring equipment (ultra-compact)
C11697MB
(λ=550 to 900 nm)
5
C11713CA
C11714CB
500 to 600
790 to 920
790 to 920
0.3
*
0.3
*
RC-VIS-MOS
Spectrometer head
Spectrometer head
Spectrometer head
Spectrometer head
RC-SWNIR-MOS
200
400
600
800 1000 1200 1400 1600 1800 2000 2200 2400 2600
Spectral response range (nm)
200
400
600
800 1000 1200 1400 1600 1800 2000 2200 2400 2600
TM-UV/VIS-CCD
TM-VIS/NIR-CCD
TM-VIS/NIR-CCD
TM-VIS/NIR-MOS
TG-UV-CCD
TM-UV/VIS-CCD
TM-UV/VIS-MOS
High sensitivity
Wide dynamic range
High resolution
High sensitivity
TG-cooled NIR-
I
TG2-NIR
High sensitivity
Wide dynamic range
High resolution
TG-UV-CCD
High resolution
TG-cooled NIR-
II
Non-cooled type
FT-SWIR-MOS-
II
Compact, thin case
Low noise (cooled type)
Low noise (cooled type)
RC-VIS-MOS
Spectrometer module
RC-SWNIR-MOS
Spectrometer module
TG-cooled NIR-
III
Low noise (cooled type)
FT2-RAMAN
Compact, thin case
TG-SWNIR-CCD-
II
IR-enhanced
TM-VIS/NIR-MOS-
II
Trigger-compatible
TG-RAMAN-
I
High resolution
TG-RAMAN-
II
High resolution
8
Image sensor
Image sensor
Back-thinned CCD
image sensor
CMOS linear
image sensor
CMOS linear
image sensor
CMOS linear
image sensor
Back-thinned CCD
image sensor
Back-thinned CCD
image sensor
InGaAs linear
image sensor
High-sensitivity
CMOS linear
image sensor
CMOS linear
image sensor
IR-enhanced
back-thinned CCD
image sensor
IR-enhanced
back-thinned CCD
image sensor
Back-thinned CCD
image sensor
IR-enhanced
CMOS linear
image sensor
IR-enhanced
CMOS linear
image sensor
High-sensitivity CMOS
linear image sensor
CMOS linear
image sensor
CMOS linear
image sensor
High-sensitivity
CMOS linear
image sensor
Type no.
Type
640 to 1050
C11708MA
Spectrometer head
MS-SWNIR-MOS
20
15
15
Spectral response range (nm)
200
400
600
800 1000 1200 1400 1600 1800 2000 2200 2400 2600
Spectral resolution
max.
(nm)
Image sensor
C12666MA
C12880MA
340 to 780
340 to 850


Similar Part No. - C11697MB_15

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11602 LEDIL-C11602 Datasheet
3Mb / 4P
   ~30째 medium beam
logo
Cree, Inc
C11606 CREE-C11606 Datasheet
1Mb / 17P
   Anna series
logo
Ledil, Inc.
C11606 LEDIL-C11606 Datasheet
1Mb / 7P
   ~15째 spot beam with 3 optics
logo
Cree, Inc
C11607 CREE-C11607 Datasheet
1Mb / 18P
   Anna series
logo
Ledil, Inc.
C11607 LEDIL-C11607 Datasheet
1Mb / 7P
   ~20째 medium beam with 3 optics
More results

Similar Description - C11697MB_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11482GA HAMAMATSU-C11482GA Datasheet
580Kb / 8P
   Mini-spectrometer
C11118GA HAMAMATSU-C11118GA_15 Datasheet
322Kb / 7P
   Mini-spectrometer
C13053MA HAMAMATSU-C13053MA_15 Datasheet
406Kb / 9P
   Mini-spectrometer
C13054MA HAMAMATSU-C13054MA_15 Datasheet
410Kb / 9P
   Mini-spectrometer
C11482GA HAMAMATSU-C11482GA_15 Datasheet
266Kb / 8P
   Mini-spectrometer
C9404CA HAMAMATSU-C9404CA Datasheet
302Kb / 4P
   Mini-spectrometer TG series
C12880MA HAMAMATSU-C12880MA_15 Datasheet
788Kb / 12P
   Micro-spectrometer
C12666MA HAMAMATSU-C12666MA Datasheet
832Kb / 11P
   Micro-spectrometer
C12666MA HAMAMATSU-C12666MA_15 Datasheet
1Mb / 11P
   Micro-spectrometer
C10082MD HAMAMATSU-C10082MD Datasheet
293Kb / 4P
   Mini-spectrometer TM series Integrating optical system, image sensor and circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com