Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R1A106M Datasheet(PDF) 7 Page - ON Semiconductor

Part # C2012X5R1A106M
Description  3 MHz, 2 A Synchronous Buck Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

C2012X5R1A106M Datasheet(HTML) 7 Page - ON Semiconductor

Back Button C2012X5R1A106M Datasheet HTML 3Page - ON Semiconductor C2012X5R1A106M Datasheet HTML 4Page - ON Semiconductor C2012X5R1A106M Datasheet HTML 5Page - ON Semiconductor C2012X5R1A106M Datasheet HTML 6Page - ON Semiconductor C2012X5R1A106M Datasheet HTML 7Page - ON Semiconductor C2012X5R1A106M Datasheet HTML 8Page - ON Semiconductor C2012X5R1A106M Datasheet HTML 9Page - ON Semiconductor C2012X5R1A106M Datasheet HTML 10Page - ON Semiconductor C2012X5R1A106M Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCP6323, NCV6323
www.onsemi.com
7
TYPICAL OPERATING CHARACTERESTICS
Figure 9. Efficiency vs. Output Current and
Input Voltage (VOUT = 3.3 V, TA = 255C)
Figure 10. Efficiency vs. Output Current and
Input Voltage (VOUT = 4 V , TA = 255C)
90
0
400
800
1600
2000
IOUT (mA)
VIN = 4.5 V
VIN = 5.5 V
85
80
75
70
65
60
55
50
1200
95
100
90
0
400
800
1600
2000
IOUT (mA)
VIN = 3.6 V
VIN = 5.5 V
85
80
75
70
65
60
55
50
1200
95
100
Figure 11. Output Ripple Voltage in PWM Mode
(VIN = 3.6 V, VOUT = 1.8 V, IOUT = 1 A, L=1 mH,
COUT = 10 mF)
Figure 12. Load Transient Response (VIN = 3.6 V,
VOUT = 1.8 V, IOUT = 500 mA to 1500 mA, L = 1 mH,
COUT = 10 mF)


Similar Part No. - C2012X5R1A106M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X5R1A106M085AB TDK-C2012X5R1A106M085AB Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C2012X5R1A106M085AB TDK-C2012X5R1A106M085AB_17 Datasheet
233Kb / 3P
   Multilayer Ceramic Chip Capacitors
C2012X5R1A106M125AB TDK-C2012X5R1A106M125AB Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
More results

Similar Description - C2012X5R1A106M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
   Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP6323 ONSEMI-NCP6323_V01 Datasheet
987Kb / 20P
   Buck Converter - Synchronous 3 MHz, 2 A High Efficiency, Low Ripple, Adjustable Output Voltage
July, 2020 ??Rev. 10
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com