Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1300950278 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300950278
Description  Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 0.66m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300950278 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300950278 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300950278
Status:
Active
Overview:
Pulling Grips
Description:
Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 0.66m (26.00"),
Approximate Break Strength 3084.43kg (6800 lbs)
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR32159
General
Product Family
Cable Grips
Series
130095
Comments
Color Identifier Dark Green
Eye Type
Rotating
O-Ring
N/A
Overview
Pulling Grips
Product Literature Order No
987650-8066
Product Name
Multi-Weave
Type
Pulling Grip
UPC
78678836620
Woodhead
Yes
Physical
Approximate Break Strength
3084.43kg (6800 lbs)
Bale Length
N/A
Body Style
Straight
Cable Diameter
6.35-12.45mm (.250-.490)
Color - Grommet
N/A
Eye Diameter
7/8"
Gender
N/A
Material - Body
N/A
Material - Grip
Galvanized Steel
Mesh Length
0.66m (26.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
36620
Reference - Drawing Numbers
Sales Drawing
SD-130095-110
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130095 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300950278

ManufacturerPart #DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
1300950278 MOLEX-1300950278 Datasheet
160Kb / 1P
   PULLING GRIPS MULTI-WEAVE ROTATING EYE
2015/03/23
1300950278 MOLEX-1300950278 Datasheet
160Kb / 1P
   PULLING GRIPS MULTI-WEAVE ROTATING EYE
2015/03/23
1300950278 MOLEX-1300950278 Datasheet
160Kb / 1P
   PULLING GRIPS MULTI-WEAVE ROTATING EYE
2015/03/23
1300950278 MOLEX-1300950278 Datasheet
160Kb / 1P
   PULLING GRIPS MULTI-WEAVE ROTATING EYE
2015/03/23
More results

Similar Description - 1300950278

ManufacturerPart #DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
130095-0278 MOLEX11-130095-0278 Datasheet
42Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 0.66m
130095-0279 MOLEX11-130095-0279 Datasheet
50Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 0.813m
130095-0282 MOLEX11-130095-0282 Datasheet
50Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.422m
1300950283 MOLEX11-1300950283 Datasheet
43Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.524m
1300950285 MOLEX11-1300950285 Datasheet
43Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.27m
130095-0280 MOLEX11-130095-0280 Datasheet
42Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.041m
130095-0281 MOLEX11-130095-0281 Datasheet
50Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.321m
130095-0285 MOLEX11-130095-0285 Datasheet
50Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.27m
1300950279 MOLEX11-1300950279 Datasheet
43Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 0.813m
1300950280 MOLEX11-1300950280 Datasheet
43Kb / 1P
   Multi-Weave Wire Mesh Pulling Grip, Rotating Eye, Mesh Length 1.041m
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com