Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L040A Datasheet(PDF) 17 Page - AMIC Technology

Part # A29L040A
Description  Uniform Sector Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L040A Datasheet(HTML) 17 Page - AMIC Technology

Back Button A29L040A_15 Datasheet HTML 13Page - AMIC Technology A29L040A_15 Datasheet HTML 14Page - AMIC Technology A29L040A_15 Datasheet HTML 15Page - AMIC Technology A29L040A_15 Datasheet HTML 16Page - AMIC Technology A29L040A_15 Datasheet HTML 17Page - AMIC Technology A29L040A_15 Datasheet HTML 18Page - AMIC Technology A29L040A_15 Datasheet HTML 19Page - AMIC Technology A29L040A_15 Datasheet HTML 20Page - AMIC Technology A29L040A_15 Datasheet HTML 21Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
A29L040A Series
(July, 2014, Version 1.1)
16
AMIC Technology, Corp.
AC Characteristics
Read Only Operations
Parameter Symbols
Speed
JEDEC
Std
Description
Test Setup
-70
Unit
tAVAV
tRC
Read Cycle Time (Note 2)
Min.
70
ns
tAVQV
tACC
Address to Output Delay
CE = VIL
OE = VIL
Max.
70
ns
tELQV
tCE
Chip Enable to Output Delay
OE = VIL
Max.
70
ns
tGLQV
tOE
Output Enable to Output Delay
Max.
30
ns
Read
Min.
0
ns
tOEH
Output Enable Hold
Time (Note 2)
Toggle and
Data Polling
Min.
10
ns
tEHQZ
tDF
Chip Disable to Output High Z (Notes 1,2)
Max.
20
ns
tGHQZ
tDF
Output Disable to Output High Z (Notes 1,2)
Max.
20
ns
tAXQX
tOH
Output Hold Time from Addresses,
CE or OE ,
Whichever Occurs First
Min.
0
ns
Notes:
1. Output driver disable time.
2. Not 100% tested.
Timing Waveforms for Read Only Operation
Addresses
Addresses Stable
CE
OE
WE
Output Valid
High-Z
Output
tRC
tOEH
tOE
tCE
High-Z
tOH
tDF
tACC
0V


Similar Part No. - A29L040A_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L040A-70 AMICC-A29L040A-70 Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040A-70F AMICC-A29L040A-70F Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040AL AMICC-A29L040AL Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040AL-0F AMICC-A29L040AL-0F Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040AL-70 AMICC-A29L040AL-70 Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - A29L040A_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010A AMICC-A29010A Datasheet
351Kb / 30P
   Uniform Sector Flash Memory
A29040C AMICC-A29040C Datasheet
391Kb / 29P
   Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
   2 Mbit Uniform Sector, Serial Flash Memory
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
   16 Megabit Uniform Sector, Serial Flash Memory
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
EN25P32 EON-EN25P32 Datasheet
452Kb / 34P
   32 Mbit Uniform Sector, Serial Flash Memory
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
   8 Mbit Uniform Sector, Serial Flash Memory
EN25P64 EON-EN25P64 Datasheet
540Kb / 34P
   64 Megabit Uniform Sector, Serial Flash Memory
EN25P05 EON-EN25P05 Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P10 EON-EN25P10 Datasheet
385Kb / 31P
   1 Mbit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com