Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25LQ32A Datasheet(PDF) 9 Page - AMIC Technology

Part # A25LQ32A
Description  32Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LQ32A Datasheet(HTML) 9 Page - AMIC Technology

Back Button A25LQ32A Datasheet HTML 5Page - AMIC Technology A25LQ32A Datasheet HTML 6Page - AMIC Technology A25LQ32A Datasheet HTML 7Page - AMIC Technology A25LQ32A Datasheet HTML 8Page - AMIC Technology A25LQ32A Datasheet HTML 9Page - AMIC Technology A25LQ32A Datasheet HTML 10Page - AMIC Technology A25LQ32A Datasheet HTML 11Page - AMIC Technology A25LQ32A Datasheet HTML 12Page - AMIC Technology A25LQ32A Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
A25LQ32A Series
(March, 2012, Version 1.4)
8
AMIC Technology Corp.
Table 1-2. Protected Area Sizes (CMP=1)
A25LQ32A
Status Register Content
(32M-Bit) Memory Protection
SEC
TB
BP2
BP1
BP0
Block(s)
Addresses
Density(Byte)
Portion
X
X
0
0
0
0 - 63
000000h – 3FFFFFh
4MB
All
0
0
0
0
1
0 - 62
000000h – 3EFFFFh
4032KB
Lower 63/64
0
0
0
1
0
0 – 61
000000h – 3DFFFFh
3968KB
Lower 31/32
0
0
0
1
1
0 – 59
000000h – 3BFFFFh
3840KB
Lower 15/16
0
0
1
0
0
0 – 55
000000h – 37FFFFh
3584KB
Lower 7/8
0
0
1
0
1
0 – 47
000000h – 2FFFFFh
3MB
Lower 3/4
0
0
1
1
0
0 – 31
000000h – 1FFFFFh
2MB
Lower 1/2
0
1
0
0
1
1 - 63
010000h – 3FFFFFh
4032KB
Upper 63/64
0
1
0
1
0
2 - 63
020000h – 3FFFFFh
3968KB
Upper 31/32
0
1
0
1
1
4 - 63
040000h – 3FFFFFh
3840KB
Upper 15/16
0
1
1
0
0
8 - 63
080000h – 3FFFFFh
3584KB
Upper 7/8
0
1
1
0
1
16 - 63
100000h – 3FFFFFh
3MB
Upper 3/4
0
1
1
1
0
32 - 63
200000h – 3FFFFFh
2MB
Upper 1/2
X
X
1
1
1
None
None
None
None
1
0
0
0
1
0 - 62
000000h – 3FEFFFh
4092KB
Lower 1023/1024
1
0
0
1
0
0 - 62
000000h – 3FDFFFh
4088KB
Lower 511/512
1
0
0
1
1
0 - 62
000000h – 3FBFFFh
4080KB
Lower 255/256
1
0
1
0
X
0 - 62
000000h – 3F7FFFh
4064KB
Lower 127/128
1
0
1
1
0
0 - 62
000000h – 3EFFFFh
4032KB
Lower 63/64
1
1
0
0
1
1 – 63
001000h – 3FFFFFh
4092KB
Upper 1023/1024
1
1
0
1
0
1 – 63
002000h – 3FFFFFh
4088KB
Upper 511/512
1
1
0
1
1
1 – 63
004000h – 3FFFFFh
4080KB
Upper 255/256
1
1
1
0
X
1 – 63
008000h – 3FFFFFh
4064KB
Upper 127/128
1
1
1
1
0
1 - 63
010000h – 3FFFFFh
4032KB
Upper 63/64
Note:
1.
X = don’t care
2.
When CMP is 1, the device is ready to accept a Chip Erase instruction if, and only if, all Block Protect (BP2, BP1, BP0) bits
are 1.


Similar Part No. - A25LQ32A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25LQ080 AMICC-A25LQ080 Datasheet
922Kb / 58P
   8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
A25LQ16 AMICC-A25LQ16 Datasheet
1Mb / 60P
   16Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
A25LQ64 AMICC-A25LQ64 Datasheet
969Kb / 70P
   64M-BIT (x1 / x2 / x4) 3.3V CMOS MXSMIO
More results

Similar Description - A25LQ32A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25LQ16 AMICC-A25LQ16 Datasheet
1Mb / 60P
   16Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
A25LQ080 AMICC-A25LQ080 Datasheet
922Kb / 58P
   8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
A25L032 AMICC-A25L032_15 Datasheet
768Kb / 48P
   32Mbit Low Voltage, Dual-I/O Serial Flash Memory
logo
Integrated Silicon Solu...
IS25CQ032 ISSI-IS25CQ032 Datasheet
1Mb / 53P
   3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI
IS25LQ032B ISSI-IS25LQ032B Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LQ025B ISSI-IS25LQ025B Datasheet
1,002Kb / 66P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
logo
Micron Technology
N25Q064A13E1240F MICRON-N25Q064A13E1240F Datasheet
1Mb / 81P
   64Mb, 3V, Multiple I/O Serial Flash Memory
N25Q064A13ESE40G MICRON-N25Q064A13ESE40G Datasheet
1Mb / 81P
   64Mb, 3V, Multiple I/O Serial Flash Memory
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
   Serial Quad I/O SQI Flash Memory
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
   Serial Quad I/O (SQI) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com