Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L032 Datasheet(PDF) 10 Page - AMIC Technology

Part # A25L032
Description  32Mbit Low Voltage, Dual-I/O Serial Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L032 Datasheet(HTML) 10 Page - AMIC Technology

Back Button A25L032_15 Datasheet HTML 6Page - AMIC Technology A25L032_15 Datasheet HTML 7Page - AMIC Technology A25L032_15 Datasheet HTML 8Page - AMIC Technology A25L032_15 Datasheet HTML 9Page - AMIC Technology A25L032_15 Datasheet HTML 10Page - AMIC Technology A25L032_15 Datasheet HTML 11Page - AMIC Technology A25L032_15 Datasheet HTML 12Page - AMIC Technology A25L032_15 Datasheet HTML 13Page - AMIC Technology A25L032_15 Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
A25L032 Series
(December, 2014, Version 1.5)
9
AMIC Technology Corp.
MEMORY ORGANIZATION
The memory is organized as:
4,194,304 bytes (8 bits each)
64 blocks (64 Kbytes each)
1024 sectors (4 Kbytes each)
16384 pages (256 bytes each)
64 bytes OTP located outside the main memory array
Each page can be individually programmed (bits are
programmed from 1 to 0). The device is Sector, Block, or Chip
Erasable (bits are erased from 0 to 1) but not Page Erasable.
Table 2. Memory Organization
A25L032 Address Table
Block
Sector
Address range
1023
3FF000h
3FFFFFh
63
1008
3F0000h
3F0FFFh
1007
3EF000h
3EFFFFh
62
992
3E0000h
3E0FFFh
463
1CF000h
1CFFFFh
28
448
1C0000h
1C0FFFh
447
1BF000h
1BFFFFh
27
432
1B0000h
1B0FFFh
431
1AF000h
1AFFFFh
26
416
1A0000h
1A0FFFh
415
19F000h
19FFFFh
25
400
190000h
190FFFh
399
18F000h
18FFFFh
24
384
180000h
180FFFh
383
17F000h
17FFFFh
23
368
170000h
170FFFh
367
16F000h
16FFFFh
22
352
160000h
160FFFh
351
15F000h
15FFFFh
21
336
150000h
150FFFh
Block
Sector
Address range
335
14F000h
14FFFFh
20
320
140000h
140FFFh
319
13F000h
13FFFFh
19
304
130000h
130FFFh
303
12F000h
12FFFFh
18
288
120000h
120FFFh
287
11F000h
11FFFFh
17
272
110000h
110FFFh
271
10F000h
10FFFFh
16
256
100000h
100FFFh
255
FF000h
FFFFFh
15
240
F0000h
F0FFFh
239
EF000h
EFFFFh
14
224
E0000h
E0FFFh
223
DF000h
DFFFFh
13
208
D0000h
D0FFFh
207
CF000h
CFFFFh
12
192
C0000h
C0FFFh
191
BF000h
BFFFFh
11
176
B0000h
B0FFFh
175
AF000h
AFFFFh
10
160
A0000h
A0FFFh


Similar Part No. - A25L032_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L032-F AMICC-A25L032-F Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032-M AMICC-A25L032-M Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032-MF AMICC-A25L032-MF Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032-MU AMICC-A25L032-MU Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L032-MUF AMICC-A25L032-MUF Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
More results

Similar Description - A25L032_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25LQ32A AMICC-A25LQ32A Datasheet
1Mb / 59P
   32Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
logo
Integrated Silicon Solu...
IS25LQ032C ISSI-IS25LQ032C Datasheet
630Kb / 54P
   32Mbit Single Operating Voltage Serial Flash Memory With
logo
Sharp Corporation
LH28F320S3NS SHARP-LH28F320S3NS Datasheet
196Kb / 7P
   Smart voltage 32Mbit Flash Memory
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
   Serial Quad I/O SQI Flash Memory
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
   Serial Quad I/O (SQI) Flash Memory
logo
Renesas Technology Corp
AT25QL641 RENESAS-AT25QL641 Datasheet
3Mb / 80P
   SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
Sep 14, 2022
logo
List of Unclassifed Man...
AT25DQ161 ETC2-AT25DQ161_13 Datasheet
2Mb / 65P
   Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
logo
Silicon Storage Technol...
SST26WF032 SST-SST26WF032 Datasheet
1Mb / 36P
   1.8V Serial Quad I/O (SQI) Flash Memory
logo
Micron Technology
N25Q064A13E1240F MICRON-N25Q064A13E1240F Datasheet
1Mb / 81P
   64Mb, 3V, Multiple I/O Serial Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 76P
   3.0V Serial Quad I/O (SQI) Flash Memory
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com