Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLHV18T3244MNTWG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLHV18T3244MNTWG
Description  18-Channel Level Shifter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLHV18T3244MNTWG Datasheet(HTML) 5 Page - ON Semiconductor

  NLHV18T3244MNTWG Datasheet HTML 1Page - ON Semiconductor NLHV18T3244MNTWG Datasheet HTML 2Page - ON Semiconductor NLHV18T3244MNTWG Datasheet HTML 3Page - ON Semiconductor NLHV18T3244MNTWG Datasheet HTML 4Page - ON Semiconductor NLHV18T3244MNTWG Datasheet HTML 5Page - ON Semiconductor NLHV18T3244MNTWG Datasheet HTML 6Page - ON Semiconductor NLHV18T3244MNTWG Datasheet HTML 7Page - ON Semiconductor NLHV18T3244MNTWG Datasheet HTML 8Page - ON Semiconductor NLHV18T3244MNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NLHV18T3244
http://onsemi.com
5
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Condition
Value
Unit
VHx
High−side DC Supply Voltage
−0.5 to +30
V
VLx
Low−side DC Supply Voltage
−15 to +0.5
V
VHx
VLx
Differential VH – VL Voltage
0 to +30
V
VD
Logic Supply Voltage
−0.5 to +5.5
V
VI
Input (IN1 – IN18), Invert (SEL1 – SEL3)
and Enable (EN) Control Pins
−0.5 to VD + 0.5
V
VOUT
Output Voltage Pins (OUT1 – OUT18)
VLx – 0.5 to VHx + 0.5
V
IOUT
Continuous Output Current (OUT1 –
OUT18)
One channel is sinking or
sourcing current while the
remaining seventeen channels
are disconnected (IOUT = 0 A)
100
mA
IHX
DC Supply Current Through VHX
100
mA
ILX
DC Supply Current Through VLX
100
mA
ID
DC Supply Current Through VD
50
mA
RqJA
Junction to Ambient Resistance
(Note 1)
68
°C/W
TJ
Junction Temperature
+115
°C
TSTG
Storage Temperature
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 4 layer PCB with 100 sq. mm, 1 oz. heat spreading including traces, JEDEC 51.7 equivalent.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VH1
High−side DC Supply Voltage
5
25
V
VH2
High−side DC Supply Voltage (Note 2)
5
25
V
VL1
Low−side Negative DC Supply Voltage (Note 3)
(VL1
VL2)
−13
0
V
VL2
Low−side Negative DC Supply Voltage (Note 4)
VL1
0
V
VHx − VLx
Differential VH – VL Voltage
5
25
V
VD
Logic Supply Voltage
2
5.5
V
VI
Input (IN1 – IN18), Invert (SEL1 – SEL3) and Enable (EN)
GND
VD
V
VOUT
Output Voltage (OUT1 – OUT18)
VLx
VHx
V
TA
Operating Temperature Range
−40
+85
°C
nt/nV
Input Transition Rise or Rate
VI, VIO from 30% to 70% of VD; VD =3.3 ± 0.3 V
0
10
nS
2. VH1 and VH2 can be connected together.
3. VL1 must be at the lowest DC supply voltage.
4. VL1 and VL2 can be connected together.


Similar Part No. - NLHV18T3244MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLHV1T0434 ONSEMI-NLHV1T0434 Datasheet
83Kb / 7P
   48 V RF Antenna Switch Driver
March, 2018 ??Rev. 0
NLHV1T0434ZR2G ONSEMI-NLHV1T0434ZR2G Datasheet
83Kb / 7P
   48 V RF Antenna Switch Driver
March, 2018 ??Rev. 0
More results

Similar Description - NLHV18T3244MNTWG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65680 TI1-TPS65680 Datasheet
1Mb / 268P
[Old version datasheet]   18-Channel Pattern-Programmable Level Shifter with Overcurrent Protection
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
   Level Shifter
logo
Richtek Technology Corp...
RT8900 RICHTEK-RT8900 Datasheet
142Kb / 11P
   Level Shifter
logo
Feature Integration Tec...
F75909 FINTEK-F75909 Datasheet
453Kb / 10P
   SMBus Level Shifter
logo
Texas Instruments
TPS65190 TI-TPS65190 Datasheet
775Kb / 18P
[Old version datasheet]   10-Channel Level Shifter and VCOM Buffer
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
NCN6011 ONSEMI-NCN6011 Datasheet
254Kb / 12P
   Low Power Level Shifter
July, 2006 ??Rev. 4
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
   HDMI/DVI Level Shifter
logo
Chrontel, Inc.
CH7530A CHRONTEL-CH7530A Datasheet
211Kb / 7P
   CH7530A DP Level Shifter
Rev 1.3
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
   6 - 18 GHz Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com