Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV891330PD33R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV891330PD33R2G
Description  Dual- Mode Step-Down Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV891330PD33R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV891330PD33R2G Datasheet HTML 2Page - ON Semiconductor NCV891330PD33R2G Datasheet HTML 3Page - ON Semiconductor NCV891330PD33R2G Datasheet HTML 4Page - ON Semiconductor NCV891330PD33R2G Datasheet HTML 5Page - ON Semiconductor NCV891330PD33R2G Datasheet HTML 6Page - ON Semiconductor NCV891330PD33R2G Datasheet HTML 7Page - ON Semiconductor NCV891330PD33R2G Datasheet HTML 8Page - ON Semiconductor NCV891330PD33R2G Datasheet HTML 9Page - ON Semiconductor NCV891330PD33R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
NCV891330
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 3. No−load Input Current at TJ = 255C
vs. Input Voltage
Figure 4. Input Current at TJ = 255C vs. Output
Current
INPUT VOLTAGE (V)
OUTPUT CURRENT (
mA)
20
15
10
5
0
0
10
20
30
40
50
70
80
1000
800
600
400
200
0
0
200
400
600
800
1000
Figure 5. Low−Iq Mode Quiescent Current vs.
Junction Temperature
Figure 6. Shutdown Mode Quiescent Current
vs. Junction Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
150
100
50
0
−50
0
20
40
60
80
100
150
100
50
0
−50
7
8
9
10
11
12
13
Figure 7. Switching Mode Quiescent Current
vs. Junction Temperature
Figure 8. 3.3 V Output Voltage vs. Junction
Temperature
TEMPERATURE (
°C)
TEMPERATURE (
°C)
150
100
50
0
−50
1.2
1.3
1.4
1.5
1.6
150
100
50
0
−50
3.24
3.26
3.28
3.30
3.32
3.34
3.36
60
Switcher Mode
Low−Iq Mode


Similar Part No. - NCV891330PD33R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV891334 ONSEMI-NCV891334 Datasheet
144Kb / 11P
   2 MHz Low-IQ Dual-Mode Step-Down Regulator
June, 2016 ??Rev. 0
NCV891334 ONSEMI-NCV891334 Datasheet
211Kb / 12P
   2 MHz Low-IQ Dual-Mode Step-Down Regulator for Automotive
June, 2016 ??Rev. 0
NCV891334MW33R2G ONSEMI-NCV891334MW33R2G Datasheet
144Kb / 11P
   2 MHz Low-IQ Dual-Mode Step-Down Regulator
June, 2016 ??Rev. 0
NCV891334MW33R2G ONSEMI-NCV891334MW33R2G Datasheet
211Kb / 12P
   2 MHz Low-IQ Dual-Mode Step-Down Regulator for Automotive
June, 2016 ??Rev. 0
NCV891334MW50R2G ONSEMI-NCV891334MW50R2G Datasheet
144Kb / 11P
   2 MHz Low-IQ Dual-Mode Step-Down Regulator
June, 2016 ??Rev. 0
More results

Similar Description - NCV891330PD33R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV891130 ONSEMI-NCV891130 Datasheet
1Mb / 18P
   Dual-Mode Step-Down Regulator
January, 2015 ??Rev. 1
logo
Diodes Incorporated
AP1605 DIODES-AP1605 Datasheet
158Kb / 7P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
AP1605 Rev. 1
AP1605 DIODES-AP1605_17 Datasheet
312Kb / 7P
   PWM/PFM DUAL-MODE STEP-DOWN SWITCHING REGULATOR
logo
Anachip Corp
AP1605 ANACHIP-AP1605 Datasheet
170Kb / 6P
   PWM/PFM Dual-mode Step-Down Switching Regulator
logo
Linear Technology
LT3988 LINER-LT3988 Datasheet
152Kb / 6P
   Dual 60V Step-Down Regulator
logo
ON Semiconductor
NCV891334 ONSEMI-NCV891334 Datasheet
144Kb / 11P
   2 MHz Low-IQ Dual-Mode Step-Down Regulator
June, 2016 ??Rev. 0
logo
Monolithic Power System...
MP1410 MPS-MP1410 Datasheet
161Kb / 9P
   2A Step-Down Switch-Mode Regulator
logo
Linear Technology
LT3509 LINER-LT3509 Datasheet
256Kb / 24P
   Dual 36V, 700mA Step-Down Regulator
logo
Maxim Integrated Produc...
MAX8855 MAXIM-MAX8855_09 Datasheet
636Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulator
Rev 2; 4/09
MAX8833 MAXIM-MAX8833 Datasheet
335Kb / 21P
   Dual, 3A, 2MHz Step-Down Regulator
Rev 0; 8/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com