Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV894630MWTXG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV894630MWTXG
Description  High Efficiency Low Voltage Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV894630MWTXG Datasheet(HTML) 1 Page - ON Semiconductor

  NCV894630MWTXG Datasheet HTML 1Page - ON Semiconductor NCV894630MWTXG Datasheet HTML 2Page - ON Semiconductor NCV894630MWTXG Datasheet HTML 3Page - ON Semiconductor NCV894630MWTXG Datasheet HTML 4Page - ON Semiconductor NCV894630MWTXG Datasheet HTML 5Page - ON Semiconductor NCV894630MWTXG Datasheet HTML 6Page - ON Semiconductor NCV894630MWTXG Datasheet HTML 7Page - ON Semiconductor NCV894630MWTXG Datasheet HTML 8Page - ON Semiconductor NCV894630MWTXG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
September, 2015 − Rev. 1
1
Publication Order Number:
NCV894630/D
NCV894630
2 A - 2.1 MHz High
Efficiency Low Voltage
Step-Down Converter
The NCV894630 step−down dc−dc converter is a monolithic
integrated circuit dedicated to automotive driver information systems
from a downstream voltage rail. The output voltage is externally
adjustable from 0.9 V to 3.3 V and can source up to 2 A. The converter
is running at a 2.1 MHz switching frequency, above the sensitive AM
band. The NCV894630 provides additional features expected in
automotive power systems such as integrated soft−start, hiccup mode
current limit and thermal shutdown protection. The device can also be
synchronized to an external clock signal in the range of 2.1 MHz. The
NCV894630 is available in the same 3x3 mm 10−pin DFN package as
the dual NCV896530, with compatible pin−out.
Features
Synchronous Rectification for Higher Efficiency
2.1 MHz Switching Frequency
Sources up to 2 A
Adjustable Output Voltage from 0.9 V to 3.3 V
2.7 V to 5.5 V Input Voltage Range
Thermal Limit and Short Circuit Protection
Auto Synchronizes with an External Clock
Wettable Flanks − DFN
Negative Current Limit for Low Side MOSFET to Prevent Inductor
Current Recirculating
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
Audio
Infotainment
Safety − Vision System
Instrumentation
www.onsemi.com
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
DFN10
CASE 485C
NCV894630MWTXG
DFN10
(Pb−Free)
3000/Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCV89
4630
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
PIN CONNECTIONS
NCV89
4630
ALYW
.
.
(Note: Microdot may be in either location)
FB
1
EN
2
SYNC
3
VIN
4
SW
5
10
GND
9
NC
8
POR
7
GND
6
NC
(Top View)


Similar Part No. - NCV894630MWTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894530MWTXG ONSEMI-NCV894530MWTXG Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
More results

Similar Description - NCV894630MWTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
logo
Linear Technology
LTC1626 LINER-LTC1626 Datasheet
280Kb / 12P
   Low Voltage, High Efficiency Step-Down DC/DC Converter
LTC1626 LINER-LTC1626_15 Datasheet
268Kb / 12P
   Low Voltage, High Efficiency Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
logo
Linear Technology
LTC3631 LINER-LTC3631_15 Datasheet
532Kb / 22P
   High Efficiency, High Voltage 100mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642_15 Datasheet
1Mb / 22P
   High Efficiency, High Voltage 50mA Synchronous Step-Down Converter
LTC3630AEMSE LINER-LTC3630AEMSE Datasheet
312Kb / 8P
   High Efficiency High Voltage 500mA Synchronous Step-Down Converter
LTC3632 LINER-LTC3632_15 Datasheet
1Mb / 22P
   High Efficiency, High Voltage 20mA Synchronous Step-Down Converter
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com