Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV894630 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV894630
Description  High Efficiency Low Voltage Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV894630 Datasheet(HTML) 5 Page - ON Semiconductor

  NCV894630 Datasheet HTML 1Page - ON Semiconductor NCV894630 Datasheet HTML 2Page - ON Semiconductor NCV894630 Datasheet HTML 3Page - ON Semiconductor NCV894630 Datasheet HTML 4Page - ON Semiconductor NCV894630 Datasheet HTML 5Page - ON Semiconductor NCV894630 Datasheet HTML 6Page - ON Semiconductor NCV894630 Datasheet HTML 7Page - ON Semiconductor NCV894630 Datasheet HTML 8Page - ON Semiconductor NCV894630 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCV894630
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS
(2.7 V < VIN < 5.5 V, Min and Max values are valid for the temperature range −40°C ≤ TJ ≤ +150°C unless noted otherwise, and are
guaranteed by test, design or statistical correlation. Typical values are referenced to TA = +25°C)
Rating
Conditions
Symbol
Min
Typ
Max
Unit
INPUT VOLTAGE
Quiescent Current
SYNC = GND, VFB = 0 V, EN = 2 V,
(No Switching)
Iq
1.0
2.0
mA
Shutdown Current
EN = 0 V
IOFF
10
mA
Under Voltage Lockout
VIN falling
VUVLO
2.2
2.4
2.6
V
Under Voltage Hysteresis
VUVLOH
100
150
mV
SYNC
SYNC Threshold Voltage
Logic Low
Logic High
VILSYNC
VIHSYNC
1.2
0.4
V
SYNC Input Current
VSYNC = 5 V
ISYNC
2.0
50
mA
External Synchronization
fSYNC
1.8
2.7
MHz
SYNC Pulse Duty Ratio
DSYNC
50
%
ENABLE
Enable Threshold Voltage
Logic Low
Logic High
VILEN
VIHEN
1.2
0.4
V
Enable Input Current
VEN = 5 V
IEN
2
50
mA
POWER ON RESET
Power On Reset Threshold
VOUT falling
VPORT
87
90
93
%Vout
Power On Reset Hysteresis
VPORH
3.0
%Vout
POR Sink Current
VPOR = 0.4 V
IPOR
2.0
mA
FEEDBACK VOLTAGE
Feedback Voltage
(Accuracy %)
TJ = −40°C to 125°C
VFB
0.591
(−1.5%)
0.6
0.609
(+1.5%)
V
Soft−Start Time
Time from EN to 90% of VFB
tSS
1700
2000
3200
ms
SWITCHING FREQUENCY
Switching Frequency
FSW
1.8
2.1
2.4
MHz
Duty Cycle
D
100
%
Minimum On Time
TONmin
80
ns
POWER SWITCHES
High−Side MOSFET On−Resistance
IRDS(on) = 0.6 A, VIN = 5 V,
TJ = 25°C
RDS(on)H
300
550
m
W
Low−Side MOSFET On−Resistance
IRDS(on) = 0.6 A, VIN = 5 V,
TJ = 25°C
RDS(on)L
300
550
m
W
High−Side MOSFET Leakage Current
VIN = 5 V, VSW = 0 V, VEN = 0 V
IDS(off)H
5.0
mA
Low−Side MOSFET Leakage Current
VSW = 5 V, VEN = 0 V
IDS(off)L
5.0
mA
CURRENT LIMIT PROTECTION
Current Limit
Peak Inductor Current
(100% duty cycle)
IPK
3.0
4.0
A
Negative Current Limit
INPK
200
mA
THERMAL SHUTDOWN
Thermal Shutdown Temperature
Guaranteed by Design
TSD
150
170
190
°C
Thermal Shutdown Hysteresis
Guaranteed by Design
TSH
5.0
20
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCV894630

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894530MWTXG ONSEMI-NCV894530MWTXG Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
More results

Similar Description - NCV894630

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
logo
Linear Technology
LTC1626 LINER-LTC1626 Datasheet
280Kb / 12P
   Low Voltage, High Efficiency Step-Down DC/DC Converter
LTC1626 LINER-LTC1626_15 Datasheet
268Kb / 12P
   Low Voltage, High Efficiency Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
logo
Linear Technology
LTC3631 LINER-LTC3631_15 Datasheet
532Kb / 22P
   High Efficiency, High Voltage 100mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642_15 Datasheet
1Mb / 22P
   High Efficiency, High Voltage 50mA Synchronous Step-Down Converter
LTC3630AEMSE LINER-LTC3630AEMSE Datasheet
312Kb / 8P
   High Efficiency High Voltage 500mA Synchronous Step-Down Converter
LTC3632 LINER-LTC3632_15 Datasheet
1Mb / 22P
   High Efficiency, High Voltage 20mA Synchronous Step-Down Converter
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com