Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV51510MWTAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV51510MWTAG
Description  Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51510MWTAG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV51510MWTAG Datasheet HTML 1Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 2Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 3Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 4Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 5Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 6Page - ON Semiconductor NCV51510MWTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NCP51510, NCV51510
www.onsemi.com
3
RECOMMENED OPERATING CONDITIONS
Rating
Symbol
Value
Unit
VTT Output Voltage Range
VTT, VTTS
0.5 to 1.5
V
PVCC Input Voltage Range (Power)
PVCC
1.1 to 3.6
VCC Input Voltage Range (Analog)
VCC
2.7 to 3.6
Logic Voltage Range
SS, PGOOD
0 to VCC
Operating Ambient Temperature Range
TA
−40 to +125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
ELECTRICAL CHARACTERISTICS
PVCC = 1.8 V; VCC = 3.3 V; VRI = VTTS = 1.25 V; SS = VCC; (circuit of Figure 1, −40°C ≤ (TJ = TA) ≤ 125°C; unless otherwise noted.
Typical values are at TA = +25°C
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
OUTPUT
VTT Output Voltage Range
PVCC > (VTT + VDROPOUT)
VTT
0.5
1.5
V
VTT Load Regulation
−1 A
≤ ITT ≤ +1 A
DVLOAD
−4
+4
mV
VTT Line−Regulation
1.4 V
≤ PVCC ≤ 3.3 V, IOUT = ±100 mA
DVLINE
1
Feedback−Voltage Error
VRI to VTTS,
ITT = ±200 mA
TA = −40°C to 125°C
VTTS
−17
+17
VTT Current Slew Rate
COUT = 100 mF, ITT = 0.1 A to 2 A
ITT di/dt
3
A/
ms
VTT Output Power−Supply Rejec-
tion Ratio
10 Hz < f < 10 kHz, ITT = 200 mA,
COUT = 100 mF
PSRR
80
dB
VTT Output MOSFET RDS(on)
High−side (source) (ITT = +100 mA)
RDS(on)
140
250
m
W
Low−side (sink) (ITT = −100 mA)
140
250
VTT Output−to−VTTS Input
Internal Feedback Resistance
RFB
12
k
W
Discharge MOSFET RDS(on)
SS = 0 V
RDIS
8
W
SUPPLY CURRENT
Quiescent PVCC Current
No Load
IPVCC
0.4
10
mA
Quiescent VCC Current
VRI > 0.45 V, No Load
ICC
0.7
1.3
Shutdown PVCC Current
SS = 0 V
IPVCC SD
0.1
10
mA
Shutdown VCC Current
SS = 0V, VRI = 0 V
ICC SD
50
100
SS = 0V, VRI > 0.45 V
350
600
REFERENCE
VRI Input Voltage Range
VRI
0.5
1.5
V
VRI Input−Bias current
TA = +25°C
IRI
−1
+1
mA
VRO Output Voltage
VCC = 3.3 V, IRO = 0
VRO
VRI
−10
VRI
VRI
+10
mV
VRO Load Regulation
IRO = ±5 mA
DVRO
−20
+20
SUSPEND SHUTDOWN
SS − Suspend Shutdown Logic
Input Threshold
SS Logic HI (VTT Output Enabled)
VIH
2.0
V
SS Logic LOW (VTT Suspended)
VIL
0.8
SS − Logic Input Current
SS = VCC or 0 V, TA = +25°C
ISS
−1
+1
mA
FAULT CONDITION − CURRENT LIMIT
Current−Limit Threshold
TA = −40°C to +125°C
ITT LIMIT
1.8
3
4.2
A
Soft−start Current−limit time
TSS
200
ms


Similar Part No. - NCV51510MWTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
   High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
NCV51511PDR2G ONSEMI-NCV51511PDR2G Datasheet
224Kb / 15P
   High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
More results

Similar Description - NCV51510MWTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51200 ONSEMI-NCP51200 Datasheet
143Kb / 7P
   Termination Regulator
September, 2014 ??Rev. 5
NCP51402 ONSEMI-NCP51402_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51403 ONSEMI-NCP51403 Datasheet
421Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51402 ONSEMI-NCP51402 Datasheet
343Kb / 7P
   Termination Regulator
November, 2015 ??Rev. 0
NCP51200 ONSEMI-NCP51200_18 Datasheet
152Kb / 8P
   Termination Regulator
February, 2018 ??Rev. 8
NCP51400 ONSEMI-NCP51400 Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCP51401 ONSEMI-NCP51401 Datasheet
131Kb / 6P
   Termination Regulator
March, 2015 ??Rev. P0
NCP51200 ONSEMI-NCP51200_16 Datasheet
143Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 6
NCP51400 ONSEMI-NCP51400_16 Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCP51401 ONSEMI-NCP51401_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com