Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV51200MWTXG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV51200MWTXG
Description  Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51200MWTXG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV51200MWTXG Datasheet HTML 1Page - ON Semiconductor NCV51200MWTXG Datasheet HTML 2Page - ON Semiconductor NCV51200MWTXG Datasheet HTML 3Page - ON Semiconductor NCV51200MWTXG Datasheet HTML 4Page - ON Semiconductor NCV51200MWTXG Datasheet HTML 5Page - ON Semiconductor NCV51200MWTXG Datasheet HTML 6Page - ON Semiconductor NCV51200MWTXG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NCP51200, NCV51200
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
−40
°C ≤ TA ≤ 125°C; VCC = 3.3 V; PVCC = 1.8 V; VRI = VTTS = 0.9 V; EN = VCC; COUT = 3 x 10 mF (Ceramic); unless otherwise noted.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Supply Current
VCC Supply Current
TA = +25°C, EN = 3.3 V, No Load
IVCC
0.7
1
mA
VCC Shutdown Current
TA = +25°C, EN = 0 V, VRI = 0 V, No Load
IVCC SHD
65
80
mA
TA = +25°C, EN = 0 V, VRI > 0.4 V, No Load
200
400
VCC UVLO Threshold
Wake−up, TA = +25°C
VUVLO
2.2
2.3
2.375
V
Hysteresis
50
mV
PVCC Supply Current
TA = +25°C, EN = 3.3 V, No Load
IPVCC
1
50
mA
PVCC Shutdown Current
TA = +25°C, EN = 0 V, No Load
IPVCC SHD
0.1
50
mA
VTT Output
VTT Output Offset Voltage
VRO = 1.25 V (DDR1), ITT = 0 A
VOS
−15
+15
mV
VRO = 0.9 V (DDR2), ITT = 0 A
−15
+15
PVCC = 1.5 V, VRO = 0.75 V (DDR3),
ITT = 0 A
−15
+15
VTT Voltage Tolerance to VRO
−2 A
≤ ITT ≤ +2 A
−25
+25
mV
Source Current Limit
VTTS = 90% * VRO
3
4.5
A
Sink Current Limit
VTTS = 110% * VRO
3.5
5.5
A
Soft−start Current Limit
Timeout
TSS
200
ms
Discharge MOSFET
On−resistance
VRI = 0 V, VTT = 0.3 V, EN = 0 V, TA = +25°C
RDIS
18
25
W
VRI − Input Reference
VRI Voltage Range
VRI
0.5
1.8
V
VRI Input−bias Current
EN = 3.3 V
IRI
+1
mA
VRI UVLO Voltage
VRI rising
VRI UVLO
360
390
435
mV
Hysteresis
VRI HYS
60
VRO − Output Reference
VRO Voltage
VRI
V
VRO Voltage Tolerance to VRI
IRO = ±10 mA, 0.6 V ≤ VRI ≤ 1.25 V
−15
+15
mV
VRO Source Current Limit
VRO = 0 V
10
40
mA
VRO Sink Current Limit
VRO = 0 V
10
40
mA
PGOOD − Powergood Comparator
PGOOD Lower Threshold
(with respect to VRO)
−23.5%
−20%
−17.5
%
V/V
PGOOD Upper Threshold
(with respect to VRO)
17.5%
20%
23.5%
PGOOD Hysteresis
5%
PGOOD Start−up Delay
Start−up rising edge, VTTS within 15% of
VRO
2
ms
PGOOD Leakage Current
VTTS = VRI (PGOOD = True)
PGOOD = VCC + 0.2 V
1
mA
PGOOD = False Delay
VTTS is beyond ±20% PGOOD trip thresholds
10
ms
PGOOD Output Low Voltage
IGOOD = 4 mA
0.4
V


Similar Part No. - NCV51200MWTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51200MWTXG ONSEMI-NCV51200MWTXG Datasheet
143Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 6
NCV51200MWTXG ONSEMI-NCV51200MWTXG Datasheet
152Kb / 8P
   Termination Regulator
February, 2018 ??Rev. 8
NCV51200MWTXG ONSEMI-NCV51200MWTXG Datasheet
326Kb / 11P
   Linear Voltage Regulator 3A for DDR1, DDR2, DDR3, LPDDR3, DDR4 VTT Termination
June, 2021 - Rev. 14
More results

Similar Description - NCV51200MWTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51510 ONSEMI-NCP51510 Datasheet
147Kb / 7P
   Termination Regulator
April, 2015 ??Rev. 2
NCP51402 ONSEMI-NCP51402_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51403 ONSEMI-NCP51403 Datasheet
421Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51402 ONSEMI-NCP51402 Datasheet
343Kb / 7P
   Termination Regulator
November, 2015 ??Rev. 0
NCP51200 ONSEMI-NCP51200_18 Datasheet
152Kb / 8P
   Termination Regulator
February, 2018 ??Rev. 8
NCP51400 ONSEMI-NCP51400 Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCP51401 ONSEMI-NCP51401 Datasheet
131Kb / 6P
   Termination Regulator
March, 2015 ??Rev. P0
NCP51200 ONSEMI-NCP51200_16 Datasheet
143Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 6
NCP51400 ONSEMI-NCP51400_16 Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCP51401 ONSEMI-NCP51401_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com