Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6868V315FCCT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP6868V315FCCT1G
Description  2.5 A Boost Regulator with Bypass Function
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6868V315FCCT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP6868V315FCCT1G Datasheet HTML 1Page - ON Semiconductor NCP6868V315FCCT1G Datasheet HTML 2Page - ON Semiconductor NCP6868V315FCCT1G Datasheet HTML 3Page - ON Semiconductor NCP6868V315FCCT1G Datasheet HTML 4Page - ON Semiconductor NCP6868V315FCCT1G Datasheet HTML 5Page - ON Semiconductor NCP6868V315FCCT1G Datasheet HTML 6Page - ON Semiconductor NCP6868V315FCCT1G Datasheet HTML 7Page - ON Semiconductor NCP6868V315FCCT1G Datasheet HTML 8Page - ON Semiconductor NCP6868V315FCCT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
NCP6868
www.onsemi.com
2
TYPICAL APPLICATION
Figure 1. Application Block Diagram
Figure 2. Pin Out (Top View)
1.80 mm
A1
EN
A2
PG
A3
PVIN
A4
PVIN
D1
AGND
D2
PGND
D3
PGND
D4
PGND
B1
VSEL
B2
NC/SCL
B3
VOUT
B4
VOUT
C1
BP
C2
NC/SDA
C3
SW
C4
SW
PIN OUT


Similar Part No. - NCP6868V315FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCP600 ONSEMI-NCP600 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP600 ONSEMI-NCP600 Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCP600SN150T1G ONSEMI-NCP600SN150T1G Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCP600SN180T1G ONSEMI-NCP600SN180T1G Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
More results

Similar Description - NCP6868V315FCCT1G

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
logo
Renesas Technology Corp
ISL9122A RENESAS-ISL9122A Datasheet
873Kb / 29P
   Ultra-Low IQ Buck-Boost Regulator With Bypass
Mar 17, 2022
logo
Intersil Corporation
ISL91106 INTERSIL-ISL91106 Datasheet
125Kb / 2P
   High Efficiency High Current Buck-Boost Regulator with Bypass Mode
November 20, 2015
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91133 RENESAS-ISL91133 Datasheet
204Kb / 2P
   High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
ISL91106 RENESAS-ISL91106 Datasheet
206Kb / 2P
   High Efficiency High Current Buck-Boost Regulator with Bypass Mode
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
logo
Fairchild Semiconductor
FAN49103 FAIRCHILD-FAN49103 Datasheet
462Kb / 2P
   2.5 A, 1.8 MHz, TinyPower??I2C Buck-Boost Regulator
FAN48630 FAIRCHILD-FAN48630 Datasheet
1Mb / 15P
   2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
logo
ON Semiconductor
FAN48630J ONSEMI-FAN48630J Datasheet
2Mb / 15P
   Synchronous Regulator with Bypass Mode, TINYBOOST짰, 2.5 MHz, 1500 mA
October, 2019 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com