Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP702MX30TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP702MX30TCG
Description  Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP702MX30TCG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP702MX30TCG Datasheet HTML 1Page - ON Semiconductor NCP702MX30TCG Datasheet HTML 2Page - ON Semiconductor NCP702MX30TCG Datasheet HTML 3Page - ON Semiconductor NCP702MX30TCG Datasheet HTML 4Page - ON Semiconductor NCP702MX30TCG Datasheet HTML 5Page - ON Semiconductor NCP702MX30TCG Datasheet HTML 6Page - ON Semiconductor NCP702MX30TCG Datasheet HTML 7Page - ON Semiconductor NCP702MX30TCG Datasheet HTML 8Page - ON Semiconductor NCP702MX30TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCP702
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage Noise Spectral Density for VOUT = 0.8 V, COUT = 1 mF
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
10
0.001
0.01
0.1
1
10
Figure 4. Output Voltage Noise Spectral Density for VOUT = 0.8 V, COUT = 4.7 mF
Figure 5. Output Voltage Noise Spectral Density for VOUT = 0.8 V, COUT = 10 mF
VIN = 2.0 V
VOUT = 0.8 V
CIN = COUT = 1 mF
MLCC, X5R,
0402 size
IOUT = 1 mA
IOUT = 10 mA
IOUT = 200 mA
1 mA
21.74
21.17
10 mA
14.62
14.07
200 mA
10.74
10.02
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise
IOUT
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
10
0.001
0.01
0.1
1
10
VIN = 2.0 V
VOUT = 0.8 V
CIN = COUT = 4.7 mF
MLCC, X7R,
1206 size
IOUT = 1 mA
IOUT = 10 mA
IOUT = 200 mA
1 mA
14.16
13.43
10 mA
14.20
13.70
200 mA
10.99
10.48
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise
IOUT
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
VIN = 2.0 V
VOUT = 0.8 V
CIN = COUT = 10 mF
MLCC, X7R,
1206 size
IOUT = 1 mA
IOUT = 10 mA
IOUT = 200 mA
1 mA
12.94
12.11
10 mA
12.78
12.25
200 mA
11.33
10.83
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise
IOUT
10M
1M
100k
10k
1k
100
10


Similar Part No. - NCP702MX30TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP702MX30TCG ONSEMI-NCP702MX30TCG Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
More results

Similar Description - NCP702MX30TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
E-CMOS Corporation
EC8841 E-CMOS-EC8841 Datasheet
952Kb / 12P
   50mA Ultra-Low Quiescent Current LDO Linear Regulator
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com