Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3H5150 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3H5150
Description  Low Noise Multi-Rate Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H5150 Datasheet(HTML) 2 Page - ON Semiconductor

  NB3H5150 Datasheet HTML 1Page - ON Semiconductor NB3H5150 Datasheet HTML 2Page - ON Semiconductor NB3H5150 Datasheet HTML 3Page - ON Semiconductor NB3H5150 Datasheet HTML 4Page - ON Semiconductor NB3H5150 Datasheet HTML 5Page - ON Semiconductor NB3H5150 Datasheet HTML 6Page - ON Semiconductor NB3H5150 Datasheet HTML 7Page - ON Semiconductor NB3H5150 Datasheet HTML 8Page - ON Semiconductor NB3H5150 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NB3H5150
www.onsemi.com
2
MMC
CLK1B
CLK1A
SDA
SCL/PD
REFMODE
FTM
VDD
CLK_XTAL1
XTAL
OSC
VDDO1
Integer N
DIV1
CLK2A
CLK2B
VDDO2
Integer N
DIV2
CLK3A
CLK3B
VDDO3
Integer N
DIV3
CLK4A
CLK4B
VDDO4
Integer N or
Fractional N
DIV4
AVDD1
AVDD2
LDOs
PLL
REF (I2C Mode)
LDO1 LDO2 LDO3 LDO4
AVDD3
Configuration Table
&
I2C Interface
Figure 1. Simplified Block Diagram of NB3H5150
CLK_XTAL2
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
FS3
VDD
CLK_XTAL2
MMC
CLK3B
CLK3A
VDDO3
VDDO2
CLK2A
FTM
CLK2B
SDA
SCL/PD
FS1
FS2
REFMODE
Figure 2. 32−Lead QFN Pinout (Top View)
NB3H5150
Exposed Pad (EP)


Similar Part No. - NB3H5150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01MNTXG ONSEMI-NB3H5150-01MNTXG Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
More results

Similar Description - NB3H5150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01_17 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01_16 Datasheet
186Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
April, 2016 ??Rev. 1
NB3H5150 ONSEMI-NB3H5150_16 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
logo
Asahi Kasei Microsystem...
AK8132A AKM-AK8132A Datasheet
357Kb / 11P
   Multi Clock Generator
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
   Multi Clock Generator
AK8128S AKM-AK8128S Datasheet
395Kb / 10P
   Multi Clock Generator
logo
Burr-Brown (TI)
PLL1700 BURR-BROWN-PLL1700 Datasheet
137Kb / 9P
   MULTI-CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com