Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2078 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R2078
Description  PHOTOMULTIPLIER TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R2078 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R2078_15 Datasheet HTML 1Page - Hamamatsu Corporation R2078_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHOTOMULTIPLIER TUBE
R2078
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2014 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
SPECIFICATIONS
FEATURES
Extremely Improved Solar Blind Photocathode for Aerospace and
General Photometric Applications, 25 mm (1 Inch) Diameter,
Ruggedized Low Profile Tube, Cs-Te Photocathode, 10-Stage, Head-on
GHigh Quantum Efficiency ............................
GRuggedized, Low Profile Structure ............
14 % at 254 nm Typ.
300 m/s2 vibration
43 mm in bulb length
Parameter
Description / Value
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Base (temporary)
Operating Ambient Temperature
Storage Temperature
Suitable Socket
nm
nm
mm
°C
°C
160 to 320
240
Cs-Te
21
Quartz
Circular cage
10
12-pin base JEDEC No. B12-13
-40 to +80
-40 to +80
E678-12A (supplied)
Material
Minimum Effective Area
Structure
Number of Stages
MAXIMUM RATINGS (Absolute Maximum Values)
Supply Voltage: 1500 V, K: Cathode, Dy: Dynode, P: Anode
CHARACTERISTICS (at 25
°C)
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Parameter
Min.
Unit
Parameter
Value
Unit
Supply Voltage
Average Anode Current
2000
300
0.015
V
V
mA
Between Anode and Cathode
Between Anode and Last Dynode
Radiant at 254 nm
Radiant at 365 nm
Radiant at 550 nm
Quantum Efficiency at 254 nm
Radiant at 254 nm
PHD at 1
× 106 Gain A
Plateau at V0 B
Cathode Sensitivity
Anode Sensitivity
Gain
Anode Dark Current (after 30 min storage in darkness)
Dark Counts
Anode Pulse Rise Time C
NOTE: AThe discrimination level is set at one forth the average electron pulse height to measure the background.
BPlateau voltage (V0) at the test up in HPK.
CThe rise time is the time of the output pulse to rise from 10 % to 90 % of peak amplitude when the entire photocathode is illuminated by a
delta function light pulse.
Electrodes
Ratio
K
Dy1
2
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
11
1
Dy10
P
20
9.8
2.0
× 103
1.0
× 105
29
3.4
× 10-3
3.8
× 10-5
14.2
1.5
× 104
5.0
× 105
15
10
20
1.5
mA/W
mA/W
mA/W
%
A/W
pA
s-1
s-1
ns
1.2
× 10-2
100
20
Typ.
Max.
GENERAL


Similar Part No. - R2078_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
More results

Similar Description - R2078_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com