Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM10011 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM10011
Description  LM10011 6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM10011 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM10011_15 Datasheet HTML 10Page - Texas Instruments LM10011_15 Datasheet HTML 11Page - Texas Instruments LM10011_15 Datasheet HTML 12Page - Texas Instruments LM10011_15 Datasheet HTML 13Page - Texas Instruments LM10011_15 Datasheet HTML 14Page - Texas Instruments LM10011_15 Datasheet HTML 15Page - Texas Instruments LM10011_15 Datasheet HTML 16Page - Texas Instruments LM10011_15 Datasheet HTML 17Page - Texas Instruments LM10011_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
RFB1 = 6.8k
6.4mV = 0.940µA x RFB1
IDAC_OUT =
VFB x 1+
RFB1
RFB2
- VOUT
RFB1
1
VOUT_LSB = LSB x RFB1
VOUT = VFB x 1+
RFB1
RFB2
- IDAC_OUT x RFB1
LM10011
SNVS822A – DECEMBER 2012 – REVISED NOVEMBER 2014
www.ti.com
Typical Application (continued)
8.2.1 Design Requirements
Table 4 lists the design parameters.
Table 4. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Output voltage range
0.7 V to 1.1 V
Startup voltage
1.1 V
Mode
0
8.2.2 Detailed Design Procedure
8.2.2.1 Setting the VOUT Range and LSB
Looking at the Typical Application Circuit in Figure 12, the following equation defines VOUT of a given regulator
(valid for VOUT > VFB):
(1)
Here, the output voltage is a function of the resistor divider from RFB1 and RFB2. Using the LM10011, there is a
current supplied by the IDAC_OUT pin that helps drive current through the feedback resistor RFB2, thus lowering
the necessary current supplied through RFB1, and hence lowering VOUT. To calculate the nominal (maximum)
VOUT, use an IDAC_OUT value of 0 µA.
The change in the output voltage can be analyzed based on the resolution of the current DAC from the LM10011
compared to the desired resolution of the output swing of the regulator. RFB1 is designed to provide the desired
VOUT_LSB with the equation:
(2)
Where LSB = LSB_6 (940 nA) from the electrical characteristics table (see Electrical Characteristics). Based on
the desired nominal VOUT (with IDAC_OUT = 0 µA) and the calculated RFB1 from Equation 2, RFB2 can be solved
using Equation 1.
8.2.2.2 4-Bit Mode Design Example
Designing with the LM10011 in 4-bit mode is similar to designing in 6-bit mode. The only differences are the LSB
value (LSB = LSB_4 = 3.76 µA) in Equation 2 and full-scale current range (IDAC_OUT = 56.4 µA).
8.2.2.3 Setting the Start-Up Voltage with RSET
RSET is chosen depending on the required start-up voltage for the particular application. The user must use
Equation 3 and solve for the required IDAC_OUT by inputting the known values of RFB1 and RFB2, VFB, and the
desired start-up output voltage, VOUT. Once IDAC_OUT is solved for, choose an RSET based on Table 2 to select
a start-up code to yield a current closely matching the calculated result. Use the equation below to solve for the
required IDAC_OUT value at start-up.
(3)
8.2.2.4 Example Solution
While in 6-bit mode, assuming a 400-mV output range, 64 VID codes, and an IDAC LSB of 0.940 µA, it is desired
to have a VOUT with an LSB of 6.4 mV and a default value of 1.1 V with a 1.05-V start-up voltage using an
LM21215A-1 regulator (VFB = 0.6 V):
(4)
(5)
Using 1% standard resistor values, RFB1 can be set to 6.81 kΩ. Now calculate RFB2 based on RFB1 and the
maximum VOUT of 1.1 V using Equation 1.
14
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LM10011


Similar Part No. - LM10011_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10011SD/NOPB TI-LM10011SD/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
LM10011SDX/NOPB TI-LM10011SDX/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
More results

Similar Description - LM10011_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10011 TI-LM10011 Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010 TI-LM10010_15 Datasheet
799Kb / 17P
[Old version datasheet]   LM10010 VID Voltage Programmer for Point of Load Regulator
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
   Capacitor adjustable Start-up and In-rush Current Control
logo
Veris. All Rights Reser...
H735 VERIS-H735 Datasheet
782Kb / 2P
   Current Switches with Relay: Adjustable Trip Point
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com