Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM10011 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM10011
Description  LM10011 6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM10011 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM10011_15 Datasheet HTML 9Page - Texas Instruments LM10011_15 Datasheet HTML 10Page - Texas Instruments LM10011_15 Datasheet HTML 11Page - Texas Instruments LM10011_15 Datasheet HTML 12Page - Texas Instruments LM10011_15 Datasheet HTML 13Page - Texas Instruments LM10011_15 Datasheet HTML 14Page - Texas Instruments LM10011_15 Datasheet HTML 15Page - Texas Instruments LM10011_15 Datasheet HTML 16Page - Texas Instruments LM10011_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
FB
PGOOD
VIN
LM21215A-1
VOUT
AGND
COMP
PVIN
SW
EN
CIN
COUT
LF
RC1
CC1
CC2
CC3
RFB1
RFB2
RC2
PGND
AVIN
CF
11-16
3
4
17
19
18
20
8,9,10
5,6,7
RF
SS/
TRK
CSS
2
optional
TSSOP-20
EN
GND
VIDA
1
10
SON-10
3 mm x 3 mm
VIDB
VIDC
VIDS
9
8
7
4
VDD
IDAC_OUT
3
2
0 - 59.2 µA
LM10011
SYNC
1
CVDD
3V to 5.5V
CVDD
CBYPASS
VCNTL[3]
VCNTL[2]
VCNTL[1]
VCNTL[0]
TMS320C6670/
TMS320C6678
0.7V to 1.1V
DVDD18
RPU1:4
MODE
5
RSET
SET
6
LM10011
www.ti.com
SNVS822A – DECEMBER 2012 – REVISED NOVEMBER 2014
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
LM10011 is a precision, digitally programmable device used for controlling the dc-dc converter output voltage.
The LM10011 GUI design tool is available at www.ti.com/product/LM10011 and can be used to program any
voltage regulator output to a desired range and resolution. The GUI enables changing the output voltage of the
on-board POL based on direct user input. It is also able to assist the power designer in selecting the correct
external components needed for any given application.
8.2 Typical Application
In this example, an LM21215A-1 is used as the voltage regulator and the desired range of output voltage
operation is 0.7 V to 1.1 V. The LM10011 can provide control of the output voltage within this range with 6 bits or
4 bits of resolution. For this example, the 400 mV of voltage range translates to a VOUT_LSB of 400 mV / 63 = 6.4
mV (26.7 mV in 4-bit mode) at the regulator output. In this calculation, 1% resistor values are used. A schematic
for this example is shown in Figure 12.
Figure 12. 6-Bit Mode Design Example
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM10011


Similar Part No. - LM10011_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10011SD/NOPB TI-LM10011SD/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
LM10011SDX/NOPB TI-LM10011SDX/NOPB Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
More results

Similar Description - LM10011_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10011 TI-LM10011 Datasheet
919Kb / 21P
[Old version datasheet]   6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010 TI-LM10010_15 Datasheet
799Kb / 17P
[Old version datasheet]   LM10010 VID Voltage Programmer for Point of Load Regulator
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
   Capacitor adjustable Start-up and In-rush Current Control
logo
Veris. All Rights Reser...
H735 VERIS-H735 Datasheet
782Kb / 2P
   Current Switches with Relay: Adjustable Trip Point
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com