Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5045 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5045
Description  Full-Bridge PWM Controller With Integrated MOSFET Drivers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5045 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5045 Datasheet HTML 3Page - Texas Instruments LM5045 Datasheet HTML 4Page - Texas Instruments LM5045 Datasheet HTML 5Page - Texas Instruments LM5045 Datasheet HTML 6Page - Texas Instruments LM5045 Datasheet HTML 7Page - Texas Instruments LM5045 Datasheet HTML 8Page - Texas Instruments LM5045 Datasheet HTML 9Page - Texas Instruments LM5045 Datasheet HTML 10Page - Texas Instruments LM5045 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
LM5045
www.ti.com
SNVS699H – FEBRUARY 2011 – REVISED JANUARY 2015
6.5 Electrical Characteristics
Limits in standard typeface are for TJ = 25°C only; MIN and MAX limits apply the junction temperature range of –40°C to
125°C. Unless otherwise specified, the following conditions apply: VIN = 48 V, RT = 25 kΩ, RD1 = RD2 = 20 kΩ. No load on
HO1, HO2, LO1, LO2, SR1, SR2, COMP = 0 V, UVLO = 2.5 V, OVP = 0 V, SSOFF = 0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
START-UP REGULATOR (VCC PIN)
VCC1
VCC voltage
ICC= 10 mA (SSSR < 1 V)
9.3
9.6
9.9
V
VCC2
VCC voltage
ICC= 10 mA (SSSR > 1 V)
7.5
7.8
8.1
V
ICC(Lim)
VCC current limit
VCC= 6 V
60
80
mA
ICC(ext)
VCC supply current
Supply current into VCC from an
4.6
mA
externally applied source. VCC = 10
V
VCC load regulation
ICC from 0 to 50 mA
35
mV
VCC(UV)
VCC undervoltage threshold
Positive going VCC
VCC1–0.2
VCC1–0.1
V
Negative going VCC
5.9
6.3
6.7
V
IIN
VIN operating current
4
mA
VIN shutdown current
VIN = 20 V, VUVLO = 0 V
300
520
µA
VIN = 100 V, VUVLO = 0 V
350
550
µA
VIN start-up regulator leakage
VCC=10 V
160
µA
VOLTAGE REFERENCE REGULATOR (REF PIN)
VREF
REF voltage
IREF = 0 mA
4.85
5
5.15
V
REF voltage regulation
IREF = 0 to 10 mA
25
50
mV
IREF(Lim)
REF current limit
VREF = 4.5 V
15
20
mA
VREFUV
VREF undervoltage threshold
Positive going VREF
4.3
4.5
4.7
V
Hysteresis
0.25
V
UNDERVOLTAGE LOCK OUT AND SHUTDOWN (UVLO PIN)
VUVLO
Under-voltage threshold
1.18
1.25
1.32
V
IUVLO
Hysteresis current
UVLO pin sinking current when
16
20
24
µA
VUVLO < 1.25 V
Undervoltage standby enable
UVLO voltage rising
0.32
0.4
0.48
V
threshold
Hysteresis
0.05
V
VOVP
OVP shutdown threshold
OVP rising
1.18
1.25
1.32
V
OVP hysteresis current
OVP sources current when OVP >
16
20
24
µA
1.25 V
SOFT-START (SS PIN)
ISS
SS charge current
VSS = 0 V
16
20
24
µA
SS threshold for SSSR charge current ICOMP < 800 µA
1.93
2
2.2
V
enable
SS output low voltage
Sinking 100 µA
40
mV
SS threshold to disable switching
200
mV
ISSSR
SSSR charge current
VSS > 2 V, ICOMP < 800 µA
16
20
24
µA
ISSSR-DIS1
SSSR discharge current 1
VUVLO < 1.25 V
54
65
75
µA
ISSSR-DIS2
SSSR discharge current 2
VRES > 1 V
109
125
147
µA
SSSR output low voltage
Sinking 100 µA
50
mV
SSSR threshold to enable SR1/SR2
1.2
V
CURRENT SENSE INPUT (CS PIN)
VCS
Current limit threshold
0.71
0.75
0.785
V
CS delay to output
65
ns
CS leading edge blanking
50
ns
RCS
CS sink impedance (clocked)
Internal FET sink impedance
18
45
SOFT-STOP DISABLE (SS OFF PIN)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5045


Similar Part No. - LM5045

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5045 NSC-LM5045 Datasheet
2Mb / 12P
   Input operating range: 36V to 75V Board size: 2.28 x 1.45 x 0.5 inches
logo
Texas Instruments
LM5045 TI-LM5045 Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045 Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - LM5045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045SQ TI-LM5045SQ Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
logo
National Semiconductor ...
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035 TI-LM5035_15 Datasheet
1Mb / 39P
[Old version datasheet]   PWM Controller With Integrated Half-Bridge and SyncFET Drivers
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com