Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5039 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5039
Description  Half-Bridge PWM Controller with Average Current Limit
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5039 Datasheet(HTML) 3 Page - Texas Instruments

  LM5039 Datasheet HTML 1Page - Texas Instruments LM5039 Datasheet HTML 2Page - Texas Instruments LM5039 Datasheet HTML 3Page - Texas Instruments LM5039 Datasheet HTML 4Page - Texas Instruments LM5039 Datasheet HTML 5Page - Texas Instruments LM5039 Datasheet HTML 6Page - Texas Instruments LM5039 Datasheet HTML 7Page - Texas Instruments LM5039 Datasheet HTML 8Page - Texas Instruments LM5039 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
CS
NC
AGND
RT
COMP
ACL
SS
HO
LO
PGND
VCC
SR1
SR2
REF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
EP
LM5039
www.ti.com
SNVS621D – FEBRUARY 2010 – REVISED MARCH 2013
Figure 2. WQFN-24 Package
Top View
PIN DESCRIPTIONS
HTSSOP
WQFN
Name
Description
Application Information
Pin
Pin
1
23
RAMP
Modulator ramp signal
An external RC circuit from VIN sets the ramp slope. This pin is
discharged at the conclusion of every cycle by an internal FET.
Discharge is initiated by either the internal clock or the Volt •
Second clamp comparator.
2
24
UVLO
Line Under-Voltage Lockout
An external voltage divider from the power source sets the
shutdown and standby comparator levels. When UVLO reaches the
0.4V threshold the VCC and REF regulators are enabled. When
UVLO reaches the 1.25V threshold, the SS pin is released and the
device enters the active mode. Hysteresis is set by an internal
current source that sources 23 µA into the external resistor divider.
3
2
ACL
Average Current Limit
A capacitor connected between the ACL pin and GND operates as
an integrator in the average current limit circuitry. The ACL
capacitor is charged during current limit condition. As the ACL pin
voltage rises, it terminates the cycle through the PWM comparator
by pulling down the input of the comparator that is normally
controlled through the COMP pin. This maintains equal pulse-widths
in both the phases of the half-bridge and thereby maintains balance
of the half-bridge capacitor voltages.
4
3
COMP
Input to the Pulse Width Modulator
An external opto-coupler connected to the COMP pin sources
current into an internal NPN current mirror. The PWM duty cycle is
maximum with zero input current, while 1mA reduces the duty cycle
to zero. The current mirror improves the frequency response by
reducing the AC voltage across the opto-coupler detector.
5
4
RT
Oscillator Frequency Control and
Normally regulated at 2V. An external resistor connected between
Sync Clock Input.
RT and AGND sets the internal oscillator frequency. The internal
oscillator can be synchronized to an external clock with a frequency
higher than the free running frequency set by the RT resistor.
6
5
AGND
Analog Ground
Connect directly to Power Ground.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5039


Similar Part No. - LM5039

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5039 NSC-LM5039 Datasheet
527Kb / 24P
   Half-Bridge PWM Controller with Average Current Limit
LM5039 NSC-LM5039 Datasheet
440Kb / 14P
   Input Operating Range: 36V to 75V Output Voltage: 3.3V
logo
Texas Instruments
LM5039 TI-LM5039 Datasheet
1Mb / 33P
[Old version datasheet]   105V / 2A Half-Bridge Gate Drivers, Synchronous Rectifier Control Outputs with Programmable Delays
logo
National Semiconductor ...
LM5039MH NSC-LM5039MH Datasheet
527Kb / 24P
   Half-Bridge PWM Controller with Average Current Limit
LM5039MHX NSC-LM5039MHX Datasheet
527Kb / 24P
   Half-Bridge PWM Controller with Average Current Limit
More results

Similar Description - LM5039

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5039 NSC-LM5039 Datasheet
527Kb / 24P
   Half-Bridge PWM Controller with Average Current Limit
logo
Intersil Corporation
ISL6755 INTERSIL-ISL6755 Datasheet
389Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
logo
Renesas Technology Corp
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
   ZVS Full-Bridge PWM Controller with Average Current Limit
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
logo
National Semiconductor ...
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
logo
Texas Instruments
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
TPS53632G TI1-TPS53632G Datasheet
125Kb / 6P
[Old version datasheet]   Half-Bridge PWM Controller Optimized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com