Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5035 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5035
Description  PWM Controller With Integrated Half-Bridge and SyncFET Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5035_15 Datasheet HTML 16Page - Texas Instruments LM5035_15 Datasheet HTML 17Page - Texas Instruments LM5035_15 Datasheet HTML 18Page - Texas Instruments LM5035_15 Datasheet HTML 19Page - Texas Instruments LM5035_15 Datasheet HTML 20Page - Texas Instruments LM5035_15 Datasheet HTML 21Page - Texas Instruments LM5035_15 Datasheet HTML 22Page - Texas Instruments LM5035_15 Datasheet HTML 23Page - Texas Instruments LM5035_15 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
LM5035
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers must
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The following information is intended to provide guidelines for the power-supply designer using the LM5035.
8.2 Typical Application
Figure 15 shows an example of a 100-W half-bridge power converter controlled by the LM5035. The operating
input-voltage range (VPWR) is 36 V to 75 V, and the output voltage is 3.3 V. The output-current capability is 30 A.
Current sense transformer T2 provides information to the CS pin for current-limit protection. The error amplifier
and reference, U3 and U5 respectively, provide voltage feedback through optocoupler U4. Synchronous rectifiers
(Q4, Q5, Q6, and Q7) minimize rectification losses in the secondary. An auxiliary winding on transformer T1
provides power to the LM5035 VCC pin when the output is in regulation. The input voltage UVLO thresholds are
≊ 34 V for increasing VPWR, and ≊ 32 V for decreasing VPWR. The circuit can be shut down by driving the
ON/OFF input (J2) below 1.25 V with an open-collector or open-drain circuit. An external synchronizing
frequency can be applied through a 100-pF capacitor to the RT input (U1 pin 5). The regulator output is current
limited at
≊ 34 A.
20
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5035


Similar Part No. - LM5035_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
logo
Texas Instruments
LM5035A TI1-LM5035A Datasheet
1Mb / 38P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A TI-LM5035A Datasheet
1Mb / 40P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
National Semiconductor ...
LM5035AMH NSC-LM5035AMH Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5035AMH-1 NSC-LM5035AMH-1 Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
More results

Similar Description - LM5035_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C TI-LM5035C_15 Datasheet
1Mb / 35P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
National Semiconductor ...
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035A TI1-LM5035A_14 Datasheet
1Mb / 38P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
[Old version datasheet]   LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B TI-LM5035B_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com